Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7356N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7356N
Description  High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7356N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7356N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7356N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7356N Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7356N
High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
VER 1.1
1
Description
ACE7356N develops a high efficiency, current mode adaptive constant off time controlled, and
asynchronous step-down DC/DC converter capable of delivering 0.6A output current. The ACE7356N
operates over a wide input voltage range from 4.5V to 85V and integrates main switch with very low
RDS(ON) to minimize the conduction loss.
Features
Low RDS(ON) for internal N-channel Power FET: 1Ω
4.5-85V Input Voltage Range
0.6A Output Current Capability
200kHz Pseudo Constant Switching Frequency
Internal Soft-start Limits the Inrush Current
Hic-cup Mode Output Short Circuit Protection
EN ON/OFF Control with Accurate Threshold
Cycle by Cycle Peak Current Limit
0.6V±1 % Reference Voltage
TSOT23-6 Package
Applications
Non-isolated Telecommunication Buck Regulator
Secondary High Voltage Post Regulator
Automotive Systems
Electric Bicycle


Similar Part No. - ACE7356N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7352N ACE-ACE7352N Datasheet
192Kb / 3P
40V Input Standoff Voltage, 2A Step-Down Converter
VER 1.1
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
ACE7355YFL+H ACE-ACE7355YFL+H Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
ACE7358F ACE-ACE7358F Datasheet
190Kb / 3P
High Efficiency, 1.2MHz, 52V Input, 0.8A Asynchronous Step Down Regulator
VER 1.2
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
More results

Similar Description - ACE7356N

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
High Efficiency Step-down Switching Regulator
logo
STMicroelectronics
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC3639 LINER-LTC3639 Datasheet
373Kb / 24P
High Efficiency, 150V High Efficiency, 150V Step-Down Regulator
LTC3613EWKH LINER-LTC3613EWKH Datasheet
189Kb / 6P
Fast, High Efficiency Step-Down Regulator
logo
Feeling Technology Corp...
FP6115 FEELING-FP6115 Datasheet
672Kb / 14P
340KHz, 2A, Asynchronous Step-Down Regulator
FP6116 FEELING-FP6116 Datasheet
691Kb / 14P
340KHz, 3A, Asynchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
Simple high-efficiency step-down (buck) regulator
logo
ACE Technology Co., LTD...
ACE7358F ACE-ACE7358F Datasheet
190Kb / 3P
High Efficiency, 1.2MHz, 52V Input, 0.8A Asynchronous Step Down Regulator
VER 1.2
ACE73100N ACE-ACE73100N Datasheet
288Kb / 4P
High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator
VER 1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com