Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VC-714 Datasheet(PDF) 2 Page - Microchip Technology

Part # VC-714
Description  LVPECL, LVDS Crystal Oscillator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VC-714 Datasheet(HTML) 2 Page - Microchip Technology

  VC-714 Datasheet HTML 1Page - Microchip Technology VC-714 Datasheet HTML 2Page - Microchip Technology VC-714 Datasheet HTML 3Page - Microchip Technology VC-714 Datasheet HTML 4Page - Microchip Technology VC-714 Datasheet HTML 5Page - Microchip Technology VC-714 Datasheet HTML 6Page - Microchip Technology VC-714 Datasheet HTML 7Page - Microchip Technology VC-714 Datasheet HTML 8Page - Microchip Technology VC-714 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
VC-714
DS20006509B-page 2
2021 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .......................................................................................................................................... –0.3V to +4.5V
Enable Disable Voltage .....................................................................................................................–0.3V to VDD + 0.3V
ESD Rating, Human Body Model (Note 1).................................................................................................................2 kV
ESD Rating, Charged Device Model (Note 1)...........................................................................................................200V
Storage Temperature (TS)......................................................................................................................–40°C to +125°C
Junction Temperature (TJ).....................................................................................................................................+150°C
† Notice: Stresses in excess of the Absolute Maximum Ratings can permanently damage the device. Functional
operation is not implied at these or any other conditions in excess of conditions represented in the operational sections
of this data sheet. Exposure to Absolute Maximum Ratings for extended periods may adversely affect device reliability.
Note 1: Although ESD protection circuitry has been designed into the VC-714, proper precautions should be taken
when handling and mounting. Microchip employs a Human Body Model (HBM) and a Charged Device Model
(CDM) for ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on
the circuit parameters used to define the model. Although no industry standard has been adopted for the
CDM, a standard resistance of 1.5 kΩ and capacitance of 100 pF is widely used and therefore can be used
for comparison purposes.
ELECTRICAL CHARACTERISTICS, LVPECL OPTION
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)
VDD
2.375
2.5
2.625
V
Ordering Option
3.135
3.3
3.465
Current Consumption
IDD
—
—
70
mA
—
Frequency
Nominal Frequency
fN
100
—
320
MHz Ordering Option
Stability (Note 2)
—
—
—
±25
ppm
Ordering Option
—
—
±50
—
—
±100
Outputs
Output Logic Level High (Note 3)
VOH
VDD –
1.085
—
VDD –
0.880
V
VDD = +2.5V
Output Logic Level Low (Note 3)
VOL
VDD –
1.810
—
VDD –
1.620
Output Logic Level High (Note 3)
VOH
VDD –
1.085
—
VDD –
0.880
V
VDD = +3.3V
Output Logic Level Low (Note 3)
VOL
VDD –
1.810
—
VDD –
1.620
Output Rise and Fall Time (Note 3)
tr/tf
—
—
400
ps
—
Load
—
50Ω into VDD – 2.0V
—
—
Note 1: The VC-714 power supply should be filtered. For example, a 10 µF, 0.1 µF, and 0.01 µF capacitor.
2: Includes calibration tolerance, operating temperature, supply voltage variations, aging, and IR reflow.
3: Figure 1-1 defines the test circuit and Figure 1-2 defines these parameters.
4: Duty Cycle is measured as On/Time Period.
5: Measured using an Agilent E5052 Signal Source Analyzer at 25°C.
6: Outputs will be enabled if Enable/Disable is left open. There is an oscillation detection circuit that ensures
glitch free output upon power-up or enable.
7: In order to reduce current, the pull-up resistance is higher when VDD is set to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com