Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VC-714 Datasheet(PDF) 8 Page - Microchip Technology

Part # VC-714
Description  LVPECL, LVDS Crystal Oscillator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VC-714 Datasheet(HTML) 8 Page - Microchip Technology

Back Button VC-714 Datasheet HTML 4Page - Microchip Technology VC-714 Datasheet HTML 5Page - Microchip Technology VC-714 Datasheet HTML 6Page - Microchip Technology VC-714 Datasheet HTML 7Page - Microchip Technology VC-714 Datasheet HTML 8Page - Microchip Technology VC-714 Datasheet HTML 9Page - Microchip Technology VC-714 Datasheet HTML 10Page - Microchip Technology VC-714 Datasheet HTML 11Page - Microchip Technology VC-714 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
VC-714
DS20006509B-page 8
2021 Microchip Technology Inc.
3.2
LVDS Application Diagrams
One of the most important considerations is terminating the Output and Complementary Outputs equally. An unused
output should not be left unterminated because if one of the two outputs is left open, it will result in excessive jitter on
both. PCB layout must take this and 50Ω impedance matching into account. Load matching and power supply noise are
the main contributors to jitter related problems.
FIGURE 3-3:
LVDS-to-LVDS Connection,
Internal 100Ω Resistor.
Some LVDS structures have an internal 100Ω resistor
on the input and do not need additional components.
AC blocking capacitors can be used if the DC levels are
incompatible.
FIGURE 3-4:
LVDS-to-LVDS Connection.
Some input structures may not have an internal 100Ω
resistor on the input and will need an external 100Ω
resistor for impedance matching. Also, the input may
have an internal DC bias that may not be compatible
with LVDS levels. AC blocking capacitors can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com