Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS2402 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS2402
Description  Multiplier and Zero Delay Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2402 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS2402 Datasheet HTML 1Page - Integrated Circuit Systems ICS2402 Datasheet HTML 2Page - Integrated Circuit Systems ICS2402 Datasheet HTML 3Page - Integrated Circuit Systems ICS2402 Datasheet HTML 4Page - Integrated Circuit Systems ICS2402 Datasheet HTML 5Page - Integrated Circuit Systems ICS2402 Datasheet HTML 6Page - Integrated Circuit Systems ICS2402 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Multiplier and Zero Delay Buffer
MDS 2402 D
5
Revision 122104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS2402
AC Electrical Characteristics
VDD = 3.3 V ±5%, or 5 V ±10%, Ambient Temperature 0 to +70
° C
Note 1: Assumes clocks with same rise time, measured from rising edges at VDD/2
Note 2: Measured with a 15 pF load.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, ICLK
S0=1
10
80
MHz
S0=0
10
40
MHz
Output Frequency, CLK
10
80
MHz
Input to Output Jitter
CLK>20 MHz, Note 2
200
ps
Absolute Short-term Jitter,
peak-to-peak
Note 2
±100
ps
Input to Output Skew
Note 1
-600
600
ps
Output Clock Rise Time
20% to 80%, Note 2
1.5
ns
Output Clock Fall Time
80% to 20%, Note 2
1.5
ns
Output Clock Duty Cycle
At VDD/2, Note 2
45
50
55
%
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com