Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS2402 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS2402
Description  Multiplier and Zero Delay Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2402 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS2402 Datasheet HTML 1Page - Integrated Circuit Systems ICS2402 Datasheet HTML 2Page - Integrated Circuit Systems ICS2402 Datasheet HTML 3Page - Integrated Circuit Systems ICS2402 Datasheet HTML 4Page - Integrated Circuit Systems ICS2402 Datasheet HTML 5Page - Integrated Circuit Systems ICS2402 Datasheet HTML 6Page - Integrated Circuit Systems ICS2402 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS2402
MDS 2402 D
1
Revision 122104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Multiplier and Zero Delay Buffer
Description
The ICS2402 is a high-performance Zero Delay Buffer
(ZDB) which integrates ICS’ proprietary analog/digital
Phase-Locked Loop (PLL) techniques. The chip is part
of ICS’ ClockBlocksTM family and was designed as a
performance upgrade to meet today’s higher speed and
lower voltage requirements. The zero delay feature
means that the rising edge of the input clock aligns with
the rising edges of both output clocks, giving the
appearance of no delay through the device.
The ICS2402 is ideal for synchronizing outputs in a
large variety of systems, from personal computers to
data communications to graphics/video. By allowing
off-chip feedback paths, the device can eliminate the
delay through other devices.
Features
• 8-pin SOIC package
• Available in Pb (lead) free package
• Absolute jitter ±100 ps
• Propagation Delay of ±600 ps
• Output multiplier of 2X
• Output clock frequency up to 80 MHz
• Can recover degraded input clock duty cycle
• Output clock duty cycle of 45/55
• Full CMOS clock swings with 25 mA drive capability
at TTL levels
• Advanced, low power CMOS process
• Operating voltage of 3.3 V or 5 V
Block Diagram
Phase
Detector,
Charge
Pump,
and
Loop
Filter
divide
by N
CLK1
ICLK
FBIN
S0
VCO


Similar Part No. - ICS2402

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2495 ICST-ICS2495 Datasheet
314Kb / 7P
Dual Video/Memory Clock Generator
RevA090694
ICS2495M ICST-ICS2495M Datasheet
314Kb / 7P
Dual Video/Memory Clock Generator
RevA090694
ICS2495N ICST-ICS2495N Datasheet
314Kb / 7P
Dual Video/Memory Clock Generator
RevA090694
More results

Similar Description - ICS2402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W194 CYPRESS-W194 Datasheet
102Kb / 6P
Frequency Multiplier and Zero Delay Buffer
January 5, 2000, rev. A
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
Multiplier and Zero Delay Buffer
Revision 053001
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302 Datasheet
103Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302_05 Datasheet
84Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
MULTIPLIER AND ZERO DELAY BUFFER
051310
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com