Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2007 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 51Page - STMicroelectronics STE2007 Datasheet HTML 52Page - STMicroelectronics STE2007 Datasheet HTML 53Page - STMicroelectronics STE2007 Datasheet HTML 54Page - STMicroelectronics STE2007 Datasheet HTML 55Page - STMicroelectronics STE2007 Datasheet HTML 56Page - STMicroelectronics STE2007 Datasheet HTML 57Page - STMicroelectronics STE2007 Datasheet HTML 58Page - STMicroelectronics STE2007 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
STE2007
9 Chip Mechanical Drawing
55/62
9
Chip Mechanical Drawing
Table 54.
Mechanical Dimensions
Parameter
Dimensions
Wafer Thickness
500
µm
Die Size (X x Y)
5.92 mm x 1.29 mm
Bumps Size on Columns and Segments Side
28
µm X 89 µm X 15
Pad Size on Columns and Segments Side
35
µm X 96µm
Bumps Pitch on Columns and Segments Side
45
µm
Bumps Size on Interfaces Side
55
µm X 73µm X 15
Pad Size on Interfaces Side
64
µm X 82 µm
Bumps Pitch on Interfaces Side
72
µm
Spacing between Bumps
17
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com