Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2007 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 14Page - STMicroelectronics STE2007 Datasheet HTML 15Page - STMicroelectronics STE2007 Datasheet HTML 16Page - STMicroelectronics STE2007 Datasheet HTML 17Page - STMicroelectronics STE2007 Datasheet HTML 18Page - STMicroelectronics STE2007 Datasheet HTML 19Page - STMicroelectronics STE2007 Datasheet HTML 20Page - STMicroelectronics STE2007 Datasheet HTML 21Page - STMicroelectronics STE2007 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
4 INTERFACE
STE2007
18/62
Self Testing of the electrical contacts is based on the monitoring of VLCD. The improper
electrical contact on VDD can be noted from a too low level of VLCD.
The serial interface Driver TxData–mode is controlled by three input signals.
The serial data output (SDAOUT/Driver TxData) and serial clock input (SCLK) are enabled
when !CS is low after having received one Reading Command.
To access Driver TxData–mode a Reading command must be sent to STE2007 driver. The first
bit (D/C) is low to indicates next 8–bits are for command. The data is read to the driver on the
rising edge of SCLK (see section ”MCU TxData–mode”). After last command bit (bit 0) is read
SDAOUT becomes active (Low impedance) and MCU is able to read data from driver.
SDAOUT is forced in high impedence when !CS line is forced high or after the eight SCLK rising
edges from the last SCLK rising edge of teh reading command transfer (Figure 8).
After sending out all 8 bits the driver release automatically the bus and go back to the MCU
TxData–mode. MCU Txdata line changes from high–z to active low or high in the falling edge of
8th SCLK pulse. !CS must be set high and low again before !D/C writing can continue.
If !CS is forced high during the Driver TxDAta-mode, the Driver Tx data session is aborted and
SDAOUT is forced in high impedance Mode.
SDAOUT and SDAIN line can be short circuited in normal working conditions.
Figure 8.
AC timing characteristics
Hi±Z
Status
T1
T2
T3
T4
Tx
Tx
Rx
Command
Command
Hi±Z
SCLK
Hi±Z
Hi±Z
Timing B
Timing A
Timing A
Timing B
!CS
!CS
MCU TxData
Driver TxData
SCLK
SCLK
Driver TxData
MCU TxData
MCU Data direction
Driver TxData
MCU TxData
Driver SDA direction
in
out
out
in
Driver SDA direction
T5
D/C
1/2 SCLK
1/2 SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com