Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZHX1000 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # ZHX1000
Description  SIR Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZHX1000 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button ZHX1000 Datasheet HTML 5Page - Zilog, Inc. ZHX1000 Datasheet HTML 6Page - Zilog, Inc. ZHX1000 Datasheet HTML 7Page - Zilog, Inc. ZHX1000 Datasheet HTML 8Page - Zilog, Inc. ZHX1000 Datasheet HTML 9Page - Zilog, Inc. ZHX1000 Datasheet HTML 10Page - Zilog, Inc. ZHX1000 Datasheet HTML 11Page - Zilog, Inc. ZHX1000 Datasheet HTML 12Page - Zilog, Inc. ZHX1000 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ZHX1000
SIR Transceiver
PS015004-0702
D o
no t
use
in
ne w
designs
5
Electrical and Timing Specifications
Table 2 through Table 4 present the electrical and timing specifications for the the
ZHX1000 SIR transceiver.
Table 2. Absolute Maximum Ratings
Parameter
Symbol Minimum Maximum
Unit Comment
Supply Voltage
Vcc
–0.3
6.0
V
Power Dissipation
PD
500
mW
Junction Temperature
TJ
125
°C
Storage Temperature
–55
85
°C
Solder Temperature (10 seconds)
230
°C
IRED Current
ILED
700
mA
20% duty cycle
Any Pin Voltage
–0.5
Vcc+0.5
V
Table 3. Recommended Operating Conditions
Parameter
Symbol
Minimum
Maximum
Unit
Supply Voltage
Vcc
2.4
5.5
V
Ambient Operating Temperature
TA
–30
85
°C
Table 4. Electrical Characteristics
Parameter
Condition
Min
Typical
Max
Unit
Operating Current (ICC)
No load, SD = TXD = “0”
3.0 V; T = 25 °C
90
150
µA
Shutdown Current (ISD)SD = “VCC”, Photodiode
input current = 0
1
µA
Peak Current Transmit (ILED)
Transmitter
300
mA
Radiant Intensity (IE)(+15°)
LED Peak IF = 300 mA,
TXD Logic “High”
40
100
mW/sr
Radiant Intensity
TXD Logic “Low”
0.3
mW/sr
Angle of Half Intensity
20
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com