Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZHX1000 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # ZHX1000
Description  SIR Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZHX1000 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button ZHX1000 Datasheet HTML 2Page - Zilog, Inc. ZHX1000 Datasheet HTML 3Page - Zilog, Inc. ZHX1000 Datasheet HTML 4Page - Zilog, Inc. ZHX1000 Datasheet HTML 5Page - Zilog, Inc. ZHX1000 Datasheet HTML 6Page - Zilog, Inc. ZHX1000 Datasheet HTML 7Page - Zilog, Inc. ZHX1000 Datasheet HTML 8Page - Zilog, Inc. ZHX1000 Datasheet HTML 9Page - Zilog, Inc. ZHX1000 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ZHX1000
SIR Transceiver
PS015004-0702
D o
no t
use
in
ne w
designs
2
Pin Descriptions
The ZHX1000 SIR transceiver uses the pins listed in Table 1. The pins are
described in this section.
VCC Positive Supply
(Power)
Connect to positive power supply (2.4–5.5 V).
Place a .33-
µF ceramic bypass capacitor (optional) as close as possible to the
VCC pin.
GND Ground
(Power)
Connect to ground of the power supply. A solid ground plane is recommended for
proper operation.
TAB
(Shield)
The Shield tab must be soldered to the ground plane.
TXD Transmit Data
(Input, active high)
This CMOS input is used to transmit serial data.
Table 1. Pin Out for the ZHX1000 SIR Transceiver
Pin
Name
Function
I/O
1
LEDA
IRED anode
2
TXD
Transmitter input
I
3
RXD
Receiver output
O
4
SD
Enables shutdown mode
I
5VCC
Supply voltage
6
GND
Ground
TAB
Shield ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com