Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-120C Datasheet(PDF) 5 Page - CUI INC

Part # VOF-120C
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-120C Datasheet(HTML) 5 Page - CUI INC

  VOF-120C Datasheet HTML 1Page - CUI INC VOF-120C Datasheet HTML 2Page - CUI INC VOF-120C Datasheet HTML 3Page - CUI INC VOF-120C Datasheet HTML 4Page - CUI INC VOF-120C Datasheet HTML 5Page - CUI INC VOF-120C Datasheet HTML 6Page - CUI INC VOF-120C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 06/14/2021
│ page 5 of 7
CUI Inc
│ SERIES: VOF-120C │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
open frame models: 76.20 x 50.80 x 31.00 [3.0 x 2.0 x 1.381 inch]
covered models: 80.0 × 62.0 × 40.0 [3.149 x 2.440 x 1.574 inch]
mm
mm
weight
open frame models
covered models
125
180
g
g
cooling
natural convection (no integrated fan)
MECHANICAL DRAWING
Open-frame
units: mm [inch]
general tolerance: ±1.00 [±0.039]
CONNECTORS
Function
Product
Connector
Customer
Connector
AC connector
JST B3P-VH
or equivalent
Housing: JST VHR
Contact: JST SVH-21T-P1.1
or equivalent
DC connector
JST B4P-VH
or equivalent
Housing: JST VHR
Contact: JST SVH-21T-P1.1
or equivalent
MOUNTING SCREWS
Position
Screw Spec.
L
(recommended)
Torque
1 ~ 4
M3
6mm
0.4 N·m
Note: 1. Class I system 1, 4 positions must be connected to the protective earth ground (
).
2. Class II system 1, 4 positions must be connected together.
3. It is recommended that a minimum distance of 10mm be placed between the PCB edge
and all other components.
PIN-OUT
PIN
Function
1
AC (N)
2
NC
3
AC (L)
4, 5
-Vo
6, 7
+Vo
Additional Resources:
Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com