Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-120C Datasheet(PDF) 6 Page - CUI INC

Part # VOF-120C
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-120C Datasheet(HTML) 6 Page - CUI INC

  VOF-120C Datasheet HTML 1Page - CUI INC VOF-120C Datasheet HTML 2Page - CUI INC VOF-120C Datasheet HTML 3Page - CUI INC VOF-120C Datasheet HTML 4Page - CUI INC VOF-120C Datasheet HTML 5Page - CUI INC VOF-120C Datasheet HTML 6Page - CUI INC VOF-120C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 06/14/2021
│ page 6 of 7
CUI Inc
│ SERIES: VOF-120C │ DESCRIPTION: AC-DC POWER SUPPLY
Covered
units: mm [inch]
general tolerance: ±1.00 [±0.039]
MECHANICAL DRAWING (CONTINUED)
CONNECTORS
Function
Product
Connector
Customer
Connector
AC connector
JST B3P-VH
or equivalent
Housing: JST VHR
Contact: JST SVH-21T-P1.1
or equivalent
DC connector
JST B4P-VH
or equivalent
Housing: JST VHR
Contact: JST SVH-21T-P1.1
or equivalent
PIN-OUT
PIN
Function
1
AC (N)
2
NC
3
AC (L)
4, 5
-Vo
6, 7
+Vo
MOUNTING SCREWS
Position
Screw Spec.
L
(recommended)
Torque
1 ~ 2
M3
4mm
0.4 N·m
3 ~ 4
M3
3mm
0.4 N·m
Note: Safety Class I integrations require the metal case to be securely fastened to protective
earth ground (
).
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com