Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML7005 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML7005
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML7005 Datasheet HTML 3Page - OKI electronic componets ML7005 Datasheet HTML 4Page - OKI electronic componets ML7005 Datasheet HTML 5Page - OKI electronic componets ML7005 Datasheet HTML 6Page - OKI electronic componets ML7005 Datasheet HTML 7Page - OKI electronic componets ML7005 Datasheet HTML 8Page - OKI electronic componets ML7005 Datasheet HTML 9Page - OKI electronic componets ML7005 Datasheet HTML 10Page - OKI electronic componets ML7005 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
¡ Semiconductor
ML7005
7/24
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
–0.3 to +7.0
V
Ta = 25°C
With respect to GND
Input Voltage
VI
–0.3 to VDD + 0.3
Storage Temperature
Tstg
–55 to +150
°C
Output Short Current
ISHT
35
mA
Short to VDD or GND
Power Dissipation
PD
100
mW
Parameter
Symbol
Condition
Typ.
Unit
Power supply voltage
VDD
3.6
V
Operating Temperature Range
TOP
°C
Input Clock Frequency Deviation
fCLK
%
Input Clock duty
DUTY
%
X1, X2 Load Capacitance
C1, C2
pF
SG Bypass Capacitance
C3
VDD Bypass Capacitance
C4
mF
C5
Digital Input Fall Time
TIF
Digital Ouput Load Capacitance
CDL1
pF
CDL2
Frequency Deviation
ppm
An external clock is applied to
X1
SG - GND
VDD - GND
FCDO, CPDO, D3 to D0
CLKO
+25°C ±5°C
20
Min.
Max.
2.7
5.5
+85
+0.1
60
22
—50
—40
—20
–100
+100
–30
–0.1
40
18
1
10
0.1
Digital Input Rise Time
TIR
ns
PD, READ, CS,
ALE, WR, D3 to D0
—50
Temperature Characteristics
–30°C to +85°C
–100
+100
Equivalent Series Resistance
W
——
90
Load Capacitance
16
pF
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com