Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML7005 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML7005
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML7005 Datasheet HTML 5Page - OKI electronic componets ML7005 Datasheet HTML 6Page - OKI electronic componets ML7005 Datasheet HTML 7Page - OKI electronic componets ML7005 Datasheet HTML 8Page - OKI electronic componets ML7005 Datasheet HTML 9Page - OKI electronic componets ML7005 Datasheet HTML 10Page - OKI electronic componets ML7005 Datasheet HTML 11Page - OKI electronic componets ML7005 Datasheet HTML 12Page - OKI electronic componets ML7005 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
¡ Semiconductor
ML7005
9/24
AC Characteristics 2 Call Progress Tone (CPT) Generator
AC Characteristics 3 Call Progress Tone (CPT) Detector
Figure 1 CPT Detect Timing
Parameter
Symbol
Condition
Typ.
Unit
Tone Transmit Amplitude
VCPT
–2.5
dBm
Output Frequency
fCPT
Hz
400
Min.
Max.
–4
–1
420
380
Total Harmonic Distortion
THDCPT
dB
Harmonics - Fundamental
–39
–23
(VDD = 2.7 to 5.5 V, Ta = –30 to +85°C)
Parameter
Symbol
Condition
Typ.
Unit
CPT Detect Amplitude
VDETCP
Min.
Max.
–46
–6
dBm
—0
–46
–60
fin = 350 to 450 Hz at CPDIO
2.7 V £ VDD £ 5.5 V
(VDD = 2.7 to 5.5 V, Ta = –30 to +85°C)
4.5 V £ VDD £ 5.5 V
CPT Non-detect Amplitude
VREJCP
Time to Detect
tDETCP
Time to Reject
tREJCP
CPT Detect Delay Time
tDELCP
CPT Detect Hold Time
tHOLCP
CPT Detect Frequency
fDETCP
CPT Non-detect Frequency
fRETCP
ms
—10
——
30
Non-detect
Detect
18
18
30
30
10
10
290
530
Hz
450
350
Hz
See Figure 1.
ms
CPDI
CPDO
(CPDR)
tREJCP
tDETCP
tDELCP
tHOLCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com