Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP5076 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5076
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5076 Datasheet(HTML) 4 Page - Analog Devices

  ADP5076 Datasheet HTML 1Page - Analog Devices ADP5076 Datasheet HTML 2Page - Analog Devices ADP5076 Datasheet HTML 3Page - Analog Devices ADP5076 Datasheet HTML 4Page - Analog Devices ADP5076 Datasheet HTML 5Page - Analog Devices ADP5076 Datasheet HTML 6Page - Analog Devices ADP5076 Datasheet HTML 7Page - Analog Devices ADP5076 Datasheet HTML 8Page - Analog Devices ADP5076 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADP5076
Data Sheet
Rev. A | Page 4 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INVERTING REGULATOR
Adjustable Negative Output Voltage
VNEG
−30
V
Reference Voltage
VREF
1.60
V
Reference Voltage Accuracy
−0.5
+0.5
%
TJ = 25°C
−1.5
+1.5
%
TJ = −40°C to +125°C
Feedback Voltage
VREF − VFB2
0.8
V
VFB2 is the FB2 reference
voltage
Feedback Voltage Accuracy
−0.5
+0.5
%
TJ = 25°C
−1.5
+1.5
%
TJ = −40°C to +125°C
Feedback Bias Current
IFB2
0.1
μA
Overvoltage Protection Threshold
VOV2
0.74
V
At FB2 pin after soft start has
completed
Load Regulation
(∆(VREF − VFB2)/(VREF
VFB2))/∆ILOAD2
0.0004
%/mA
ILOAD2 = 5 mA to 75 mA
Line Regulation
(∆(VREF − VFB2)/(VREF
VFB2))/ΔVPVIN
0.003
%/V
ILOAD2 = 25 mA
EA Transconductance
GM2
260
300
340
μA/V
Power FET On Resistance
RDS (ON) INVERTER
350
Power FET Maximum Drain Source
Voltage
VDS(MAX)INVERTER
39
V
Current-Limit Threshold, Main Switch
ILIM (INVERTER)
1.20
1.32
1.44
A
Minimum On Time
60
ns
Minimum Off Time
50
ns
SOFT START
Soft Start Timer for DC-DC Regulators
tSS
4
ms
SS pin = open
32
ms
SS resistor = 50 kΩ to GND
Hiccup Time
tHICCUP
8 × tSS
ms
THERMAL SHUTDOWN
Threshold
TSHDN
150
°C
Hysteresis
THYS
15
°C
1 ILOADx is the current through a resistive load connected across the output capacitor (where x is 1 for the boost regulator load and 2 for the inverting regulator load).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com