Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6200C Datasheet(PDF) 6 Page - ams AG

Part # AS6200C
Description  Eval Kit Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 6 Page - ams AG

Back Button AS6200C Datasheet HTML 2Page - ams AG AS6200C Datasheet HTML 3Page - ams AG AS6200C Datasheet HTML 4Page - ams AG AS6200C Datasheet HTML 5Page - ams AG AS6200C Datasheet HTML 6Page - ams AG AS6200C Datasheet HTML 7Page - ams AG AS6200C Datasheet HTML 8Page - ams AG AS6200C Datasheet HTML 9Page - ams AG AS6200C Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AS6200 Adapter Board
ams Eval Kit Manual
Page 6
[v1-01] 2017-Dec-01
Document Feedback
4
Software Description
The AS6200/C has 4 data registers. With the use of the index register, it is possible to address the
specific data register. When powered up the address register is set to 0x0.
For additional configuration settings the Config register (0x1) has to be addressed. Please refer the
data sheet for details.
Address Symbol
Register
Description
0x0
TVAL
Temperature Register Contains the temperature value
0x1
CONFIG Configuration Register Configuration settings of the temperature sensor
0x2
TLOW
TLOW Register
Low temperature threshold value
0x3
THIGH
THIGH Register
High temperature threshold value
Table 4: Configuration Register
4.1
Index Register
The index register contains 8 bit, but only D0 and D1 are used.
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
0
0
0
0
0
0
Address Bits
Table 5: Index Register
TVAL (Read Only)
CONFIG (Read/Write)
TLOW (Read/Write)
THIGH (Read/Write)
INDEX (Read/Write)
Serial Interface
0x0
0x1
0x2
0x3
SCLK
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com