Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6200C Datasheet(PDF) 7 Page - ams AG

Part # AS6200C
Description  Eval Kit Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 7 Page - ams AG

Back Button AS6200C Datasheet HTML 3Page - ams AG AS6200C Datasheet HTML 4Page - ams AG AS6200C Datasheet HTML 5Page - ams AG AS6200C Datasheet HTML 6Page - ams AG AS6200C Datasheet HTML 7Page - ams AG AS6200C Datasheet HTML 8Page - ams AG AS6200C Datasheet HTML 9Page - ams AG AS6200C Datasheet HTML 10Page - ams AG AS6200C Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AS6200 Adapter Board
ams Eval Kit Manual
Page 7
[v1-01] 2017-Dec-01
Document Feedback
4.2
Temperature Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
0
0
0
0
MSB Byte
LSB Byte
Table 6: Temperature Register
The temperature register contains the digitally converted temperature value. It
consists of 2 byte and can be converted according to the following formula:
Positive values= |Value| / LSB
Negative values= Complement( |Value| / LSB ) + 1
Example +75°C
75°���� / 0.0625°���� = 1200 = ������������������������ 0100 1011 0000 = ������������ 4����0
Example -40°C
|−40°����| / 0.0625°���� + 1 = 640 + 1 = ������������������������ 0010 1000 0000 + 1 = 1101 0111 1111 + 1 =
1101 10000 0000 = ������������ ����80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com