Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSPIN840 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 8Page - STMicroelectronics STSPIN840 Datasheet HTML 9Page - STMicroelectronics STSPIN840 Datasheet HTML 10Page - STMicroelectronics STSPIN840 Datasheet HTML 11Page - STMicroelectronics STSPIN840 Datasheet HTML 12Page - STMicroelectronics STSPIN840 Datasheet HTML 13Page - STMicroelectronics STSPIN840 Datasheet HTML 14Page - STMicroelectronics STSPIN840 Datasheet HTML 15Page - STMicroelectronics STSPIN840 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Detailed description
STSPIN840
12/28
DocID031835 Rev 1
5
Detailed description
The STSPIN840 is a dual brush DC motor driver integrating two PWM current controllers
and a power stage composed of two fully-protected full-bridges.
5.1
Power supply and standby
The device is supplied through the VS pins, the two pins must be at the same voltage.
At power-up the power stage is disabled and the FAULT pins are forced low until the VS
voltage rise above the VSth(ON) threshold.
If the VS falls below the VSth(ON) - VSth(HYST) value power stage is immediately disabled and
the FAULT pins are forced low.
Figure 3. UVLO protection management
The device provides a low consumption mode, which is set by forcing the STBY\RESET
input below the VSTBYL threshold.
When the device is in standby status the power stage is disabled (outputs are at high
impedance) and the supply to the integrated control circuitry is strongly reduced. When the
device leaves the standby status, all the control circuitry is reset to the power-up condition.
VS
FAULT
POWER
stage
VSth(ON)
VSth(ON) - VSth(HYST)
DISABLED
Internal OD
released
Internal OD
released
Outputs state
according to
input status
Outputsstate
according to
input status
AM040368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com