Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSPIN840 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 15Page - STMicroelectronics STSPIN840 Datasheet HTML 16Page - STMicroelectronics STSPIN840 Datasheet HTML 17Page - STMicroelectronics STSPIN840 Datasheet HTML 18Page - STMicroelectronics STSPIN840 Datasheet HTML 19Page - STMicroelectronics STSPIN840 Datasheet HTML 20Page - STMicroelectronics STSPIN840 Datasheet HTML 21Page - STMicroelectronics STSPIN840 Datasheet HTML 22Page - STMicroelectronics STSPIN840 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
DocID031835 Rev 1
19/28
STSPIN840
Detailed description
28
Considering tdischarge is normally significantly lower than tcharge, its contribution is negligible
and the disable time is almost equal to tcharge only:
Equation 3
Where VDD is the pull-up voltage of REN resistor.
The recommended value for REN and CEN are respectively 39 k and 10 nF that allow
obtaining 300 µs disable time.
Figure 10. Disable time versus REN and CEN values (VDD = 3.3 V)
tDIS REN CEN In
VDD REN I
PD
 V
RELEASE
VDD REN I
PD
 V
IH
----------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com