Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3045321 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 3045321
Description  Plug - UPBV 2,5/ 1-L BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045321 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 3045321 Datasheet HTML 2Page - PHOENIX CONTACT 3045321 Datasheet HTML 3Page - PHOENIX CONTACT 3045321 Datasheet HTML 4Page - PHOENIX CONTACT 3045321 Datasheet HTML 5Page - PHOENIX CONTACT 3045321 Datasheet HTML 6Page - PHOENIX CONTACT 3045321 Datasheet HTML 7Page - PHOENIX CONTACT 3045321 Datasheet HTML 8Page - PHOENIX CONTACT 3045321 Datasheet HTML 9Page - PHOENIX CONTACT 3045321 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3045321
09/12/2020   Page 6 / 15
Plug - UPBV 2,5/ 1-L BU - 3045321
Classifications
ETIM
ETIM 2.0
EC000897
ETIM 3.0
EC000897
ETIM 4.0
EC002021
ETIM 5.0
EC002021
ETIM 6.0
EC002021
ETIM 7.0
EC002021
UNSPSC
UNSPSC 6.01
30211802
UNSPSC 7.0901
39121402
UNSPSC 11
39121402
UNSPSC 12.01
39121402
UNSPSC 13.2
39121402
UNSPSC 18.0
39121402
UNSPSC 19.0
39121402
UNSPSC 20.0
39121402
UNSPSC 21.0
39121402
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / EAC / EAC / EAC / cULus Recognized
Ex Approvals
Approval details
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
 
B
C
D
Nominal voltage UN
600 V
300 V
300 V
600 V
Nominal current IN
20 A
20 A
20 A
5 A
mm²/AWG/kcmil
26-12
26-12
26-12
26-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com