Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3045321 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 3045321
Description  Plug - UPBV 2,5/ 1-L BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045321 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 3045321 Datasheet HTML 7Page - PHOENIX CONTACT 3045321 Datasheet HTML 8Page - PHOENIX CONTACT 3045321 Datasheet HTML 9Page - PHOENIX CONTACT 3045321 Datasheet HTML 10Page - PHOENIX CONTACT 3045321 Datasheet HTML 11Page - PHOENIX CONTACT 3045321 Datasheet HTML 12Page - PHOENIX CONTACT 3045321 Datasheet HTML 13Page - PHOENIX CONTACT 3045321 Datasheet HTML 14Page - PHOENIX CONTACT 3045321 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3045321
09/12/2020   Page 14 / 15
Plug - UPBV 2,5/ 1-L BU - 3045321
Accessories
Strain relief - UPZ/ 2 - 3045554
Strain relief, length: 36.7 mm, width: 9.3 mm, number of positions: 2, color: black
 
 
Partition plate
Spacer plate - DP PS-5 - 3036725
Spacer plate, length: 22.4 mm, width: 5.2 mm, height: 29 mm, number of positions: 1, color: red
 
 
Screwdriver tools
Screwdriver - SZS 0,6X3,5 - 1205053
Actuation tool, for ST terminal blocks, insulated, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100
mm, 2-component grip, with non-slip grip
 
 
Shield connection
Shield connection clamp - PSH 3- 6 - 3040591
Shield connection clamp, color: black
 
 
Shield connection clamp - PSH 5-10 - 3040601
Shield connection clamp, color: black
 
 
Test plug terminal block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com