Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC61F Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC61F
Description  Voltage Detectors ( Delay Circuit Built-In)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61F Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC61F Datasheet HTML 4Page - Torex Semiconductor XC61F Datasheet HTML 5Page - Torex Semiconductor XC61F Datasheet HTML 6Page - Torex Semiconductor XC61F Datasheet HTML 7Page - Torex Semiconductor XC61F Datasheet HTML 8Page - Torex Semiconductor XC61F Datasheet HTML 9Page - Torex Semiconductor XC61F Datasheet HTML 10Page - Torex Semiconductor XC61F Datasheet HTML 11Page - Torex Semiconductor XC61F Datasheet HTML 12Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
XC61F Seires
166
2
■Typical Performance Characteristics
1.4
1.5
1.6
1.7
1.8
-40
-20
0
20
40
60
80
VDR
VDF
2.3
2.4
2.5
2.6
2.7
2.8
-40
-20
0
20
40
60
80
VDR
VDF
0.0
1.0
2.0
3.0
4.0
02
46
8
10
25℃
-30℃
Ta=80℃
XC61FN1612
XC61FN2512
XC61FN1612
0.0
1.0
2.0
3.0
4.0
02
46
8
10
25℃
Ta=80℃
-30℃
XC61FN2512
0.0
1.0
2.0
3.0
4.0
02
46
8
10
25℃
Ta=80℃
-30℃
XC61FN3512
3.2
3.3
3.4
3.5
3.6
3.7
3.8
-40
-20
0
20
40
60
80
VDR
VDF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
23
Ta=-30℃
25℃
80℃
0
1
2
3
4
01
23
4
Ta=-30℃
25℃
80℃
0
1
2
3
4
5
01
2
3
45
Ta=-30℃
25℃
80℃
XC61FN3512
XC61FN1612
XC61FN2512
XC61FN3512
VIN-VOUT:100kΩ
VIN-VOUT:100kΩ
VIN-VOUT:100kΩ
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
1.0V
Ta=25℃
VIN=1.5V
0
200
400
600
800
1000
1200
1400
0
0.2
0.4
0.6
0.8
1.0
VIN =0.8V
0.7V
Ta=25℃
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
VIN =2.0V
Ta=25℃
1.5V
XC61FN1612
XC61FN1612
XC61FN2512
Ambient Temp.: Ta(℃)
(1) SUPPLY CURRENT vs. INPUT VOLTAGE
(2) DETECT VOLTAGE, RELEASE VOLTAGE vs. AMBIENT TEMPERATURE
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Ambient Temp.: Ta(℃)
(3) OUTPUT VOLTAGE vs. INPUT VOLTAGE
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
VDS (V)
VDS (V)
VDS (V)
Ambient Temp.: Ta(℃)
(4) N-CHANNEL DRIVER OUTPUT CURRENT vs. VDS
02S_04XC61F 02.09.12 14:04 ページ 166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com