Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SR2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SR2
Description  6 pin Smart Reset?
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SR2 Datasheet HTML 2Page - STMicroelectronics SR2 Datasheet HTML 3Page - STMicroelectronics SR2 Datasheet HTML 4Page - STMicroelectronics SR2 Datasheet HTML 5Page - STMicroelectronics SR2 Datasheet HTML 6Page - STMicroelectronics SR2 Datasheet HTML 7Page - STMicroelectronics SR2 Datasheet HTML 8Page - STMicroelectronics SR2 Datasheet HTML 9Page - STMicroelectronics SR2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Pin descriptions
SR2
6/22
DocID026047 Rev 2
2
Pin descriptions
2.1
Power supply (VCC)
This pin is used to provide power to the Smart Reset™ device. A 0.1 µF ceramic decoupling
capacitor is recommended to be connected between the VCC and VSS pins, as close to the
SR2 device as possible.
2.2
Ground (VSS)
Ground pin for the device.
2.3
Smart Reset™ input (SR0)
Push-button Smart Reset™ input is active low with optional pull-up resistor. Both SR
inputs need to be asserted simultaneously for at least tSRC to assert the reset output (RST).
By connecting a voltage higher than VCC to the SR0 the device enters a test mode (see
Section 1: Description on page 3 for more information).
2.4
Smart Reset™ input (SR1)
Push-button Smart Reset™ input is active low with optional pull-up resistor. Both SR inputs
need to be asserted simultaneously for at least tSRC to assert the reset output (RST).
2.5
Reset output (RST)
RST is active low or active high, push-pull or open drain reset output with optional internal
pull-up resistor. Output reset pulse width is optional as follows:
Neither fixed nor minimum output reset pulse duration (releasing the push-button while
reset output is active, causes the output to deassert);
Fixed, factory-programmed output reset pulse duration for tREC independent on Smart
Reset™ input state.
If VCC drops below 1.575 V, the RST output is deasserted and its state is guaranteed down
to 1 V (see Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com