Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SR2 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SR2
Description  6 pin Smart Reset?
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR2 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SR2 Datasheet HTML 14Page - STMicroelectronics SR2 Datasheet HTML 15Page - STMicroelectronics SR2 Datasheet HTML 16Page - STMicroelectronics SR2 Datasheet HTML 17Page - STMicroelectronics SR2 Datasheet HTML 18Page - STMicroelectronics SR2 Datasheet HTML 19Page - STMicroelectronics SR2 Datasheet HTML 20Page - STMicroelectronics SR2 Datasheet HTML 21Page - STMicroelectronics SR2 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DocID026047 Rev 2
19/22
SR2
Part numbering
22
9
Part numbering
Table 6. Ordering information scheme
Example:
SR2
H
A
R
U
Device type
SR2
Smart Reset™ set up delay (tSRC)
(1)
1.
Smart ResetTM delay (tSRC) is available from 0.5 s to 10 s in 0.5 s steps (typ.). Minimum order quantities
may apply. Contact local sales office for availability.
H = factory programmable tSRC = 4.0 s, no pull-up
L = factory programmable tSRC = 6.0 s, no pull-up
P = factory programmable tSRC = 7.5 s, no pull-up
U = factory programmable tSRC = 10.0 s, no pull-up
Outputs type
A = open drain, no pull-up, active low
Reset timeout period (tREC)
B = factory programmable tREC = 360 ms (typ.)
R = push-button controlled
Package
DL = UDFN6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com