Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M76DW52003BA Datasheet(PDF) 6 Page - STMicroelectronics

Part # M76DW52003BA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003BA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M76DW52003BA Datasheet HTML 2Page - STMicroelectronics M76DW52003BA Datasheet HTML 3Page - STMicroelectronics M76DW52003BA Datasheet HTML 4Page - STMicroelectronics M76DW52003BA Datasheet HTML 5Page - STMicroelectronics M76DW52003BA Datasheet HTML 6Page - STMicroelectronics M76DW52003BA Datasheet HTML 7Page - STMicroelectronics M76DW52003BA Datasheet HTML 8Page - STMicroelectronics M76DW52003BA Datasheet HTML 9Page - STMicroelectronics M76DW52003BA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
M76DW52003TA, M76DW52003BA
6/27
SIGNAL DESCRIPTION
See Figure 2 Logic Diagram and Table 1,Signal
Names, for a brief overview of the signals connect-
ed to this device.
Address Inputs (A0-A17). Addresses
A0-A17
are common inputs for the Flash and the SRAM
components. The Address Inputs select the cells
in the memory array to access during Bus Read
operations. During Bus Write operations they con-
trol the commands sent to the Command Interface
of the internal state machine. The Flash memory is
accessed through the Chip Enable (EF) and Write
Enable (W) signals, while the SRAM is accessed
through two Chip Enable signals (E1S and E2S)
and the Write Enable signal (W).
Address Inputs (A18-A20). Addresses A18-A20
are inputs for the Flash component only. The
Flash memory is accessed through the Chip En-
able (EF) and Write Enable (W) signals
Data Inputs/Outputs (DQ0-DQ7). The Data I/O
outputs the data stored at the selected address
during a Bus Read operation. During Bus Write
operations they represent the commands sent to
the Command Interface of the Program/Erase
Controller.
Data Inputs/Outputs (DQ8-DQ14). The Data I/O
outputs the data stored at the selected address
during a Bus Read operation when BYTE is High,
VIH. When BYTE is Low, VIL, these pins are not
used and are high impedance. During Bus Write
operations the Command Register does not use
these bits. When reading the Status Register
these bits should be ignored.
Data Input/Output or Address Input (DQ15A–
1). When BYTE is High, VIH, this pin behaves as
a Data Input/Output pin (as DQ8-DQ14). When
BYTE is Low, VIL, this pin behaves as an address
pin; DQ15A–1 Low will select the LSB of the ad-
dressed Word, DQ15A–1 High will select the MSB.
Throughout the text consider references to the
Data Input/Output to include this pin when BYTE is
High and references to the Address Inputs to in-
clude this pin when BYTE is Low except when
stated explicitly otherwise.
Flash Chip Enable (EF). The Chip Enable input
activates the memory control logic, input buffers,
decoders and sense amplifiers. When Chip En-
able is at VILand RPF is at VIH the device is in ac-
tive mode. When Chip Enable is at VIH the
memory is deselected, the outputs are high imped-
ance and the power consumption is reduced to the
stand-by level.
Output Enable (G). The Output Enable, G, con-
trols the Bus Read operation of the device.
Write Enable (W). The Write Enable, W, controls
the Bus Write operation of the device.
VPP/Write Protect (VPP/WP). The
VPP/Write
Protect pin provides two functions. The VPP func-
tion allows the Flash memory to use an external
high voltage power supply to reduce the time re-
quired for Program operations. This is achieved
by bypassing the unlock cycles and/or using the
Double Word or Quadruple Byte Program com-
mands. The Write Protect function provides a
hardware method of protecting the two outermost
boot blocks in the Flash memory.
When VPP/Write Protect is Low, VIL, the memory
protects the two outermost boot blocks; Program
and Erase operations in these blocks are ignored
while VPP/Write Protect is Low, even when RPF is
at VID.
When VPP/Write Protect is High, VIH, the memory
reverts to the previous protection status of the two
outermost boot blocks. Program and Erase oper-
ations can now modify the data in these blocks un-
less
the
blocks
are
protected
using
Block
Protection.
When VPP/Write Protect is raised to VPP the mem-
ory automatically enters the Unlock Bypass mode.
When VPP/Write Protect returns to VIH or VIL nor-
mal operation resumes. During Unlock Bypass
Program operations the memory draws IPP from
the pin to supply the programming circuits. See the
M29DW323D datasheet for more details.
Reset/Block Temporary Unprotect (RPF). The
Reset/Block Temporary Unprotect pin can be
used to apply a Hardware Reset to the memory or
to temporarily unprotect all Blocks that have been
protected.
Note that if VPP/WP is at VIL, then the two outer-
most boot blocks will remain protected even if RPF
is at VID.
A Hardware Reset is achieved by holding Reset/
Block Temporary Unprotect Low, VIL, for at least
tPLPX. After Reset/Block Temporary Unprotect
goes High, VIH, the memory will be ready for Bus
Read and Bus Write operations after tPHEL or
tRHEL,
whichever
occurs
last.
See
the
M29DW323D datasheet for more details.
Holding RPF at VID will temporarily unprotect the
protected Blocks in the memory. Program and
Erase operations on all blocks will be possible.
The transition from VIH to VID must be slower than
tPHPHH.
Ready/Busy Output (RB). The Ready/Busy pin
is an open-drain output that can be used to identify
when the Flash memory is performing a Program
or Erase operation. During Program or Erase op-
erations Ready/Busy is Low, VOL. Ready/Busy is
high-impedance during Read mode, Auto Select
mode and Erase Suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com