Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M76DW52003BA Datasheet(PDF) 10 Page - STMicroelectronics

Part # M76DW52003BA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003BA Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M76DW52003BA Datasheet HTML 6Page - STMicroelectronics M76DW52003BA Datasheet HTML 7Page - STMicroelectronics M76DW52003BA Datasheet HTML 8Page - STMicroelectronics M76DW52003BA Datasheet HTML 9Page - STMicroelectronics M76DW52003BA Datasheet HTML 10Page - STMicroelectronics M76DW52003BA Datasheet HTML 11Page - STMicroelectronics M76DW52003BA Datasheet HTML 12Page - STMicroelectronics M76DW52003BA Datasheet HTML 13Page - STMicroelectronics M76DW52003BA Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
M76DW52003TA, M76DW52003BA
10/27
FLASH MEMORY DEVICE
The M76DW52003TA and M76DW52003BA con-
tain one 32 Mbit Flash memory. For detailed infor-
mation on how to use the Flash memory see the
M29DW323D datasheet, which is available on the
STMicroelectronics web site, www.st.com.
SRAM DEVICE
The SRAM is a 4Mbit asynchronous random ac-
cess memory which features a super low voltage
operation and low current consumption with an ac-
cess time of 70ns under all conditions. The mem-
ory operations can be performed using a single
low voltage supply, 2.7V to 3.3V, which is the
same as the Flash voltage supply.
Figure 5. SRAM Logic Diagram
DATA IN DRIVERS
256Kb x 16
RAM Array
2048 x 2048
COLUMN DECODER
A0-A10
WS
UBS
LBS
A11-A17
POWER-DOWN
CIRCUIT
DQ0-DQ7
DQ8-DQ15
GS
UBS
LBS
AI07939
E1S
E2S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com