Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-40C Datasheet(PDF) 2 Page - CUI INC

Part # VOF-40C
Description  AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-40C Datasheet(HTML) 2 Page - CUI INC

  VOF-40C Datasheet HTML 1Page - CUI INC VOF-40C Datasheet HTML 2Page - CUI INC VOF-40C Datasheet HTML 3Page - CUI INC VOF-40C Datasheet HTML 4Page - CUI INC VOF-40C Datasheet HTML 5Page - CUI INC VOF-40C Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 05/13/2021
│ page 2 of 6
CUI Inc
│ SERIES: VOF-40C │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
100
264
370
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
1200
700
mA
mA
inrush current
at 115 Vac
at 230 Vac
35
50
A
A
no load power consumption
0.5
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
3.3 Vdc output models
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
48 Vdc output models
30,000
20,000
6,000
4,000
3,500
1,000
600
µF
initial set point accuracy
3.3 Vdc output models
all other models
±3
±2
%
%
line regulation
at full load
±0.5
%
load regulation
from 0~100% load
±1
%
hold-up time
at 230 Vac, full load
50
ms
switching frequency
65
kHz
temperature coefficient
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
output voltage clamp, auto recovery
3.3 Vdc output models
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
48 Vdc output models
7.5
9
16
20
24
35
60
Vdc
over current protection
hiccup, auto-recovery
150
300
%
short circuit protection
hiccup, continuous, auto-recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output electric strength test for 1 minute,
leakage current <5 mA
3,000
Vac
safety approvals
IEC/UL/EN 62368-1 certified
safety class
Class II
conducted emissions
CISPR32/EN55032, Class B
radiated emissions
CISPR32/EN55032, Class B
ESD
IEC/EN61000-4-2, Contact ±6KV, Perf. Criteria B
radiated immunity
IEC/EN61000-4-3 10V/m perf. Criteria A
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com