Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-40C Datasheet(PDF) 5 Page - CUI INC

Part # VOF-40C
Description  AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-40C Datasheet(HTML) 5 Page - CUI INC

  VOF-40C Datasheet HTML 1Page - CUI INC VOF-40C Datasheet HTML 2Page - CUI INC VOF-40C Datasheet HTML 3Page - CUI INC VOF-40C Datasheet HTML 4Page - CUI INC VOF-40C Datasheet HTML 5Page - CUI INC VOF-40C Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date 05/13/2021
│ page 5 of 6
CUI Inc
│ SERIES: VOF-40C │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
76.20 x 50.80 x 30.00
mm
weight
90
g
MECHANICAL DRAWING
units: mm[inch]
tolerance: ±0.50[±0.020]
In CON1 model: VH-3A, Recommended terminal: VH-3Y
Out CON2 model: VH-4A, recommended terminal: VH-4Y
Mounting hole screwing torque: Max 0.4 N·m
PIN-Out
PIN
Function
Connector
Terminal
1
AC(L)
VH-3A
or B2P3-VH
or the same Spec.
VH-3Y
or VHR-3N
or the same Spec.
2
NoPin
3
AC(N)
4
-Vo
VH-4A
or B4P-VH
or the same Spec.
VH-4Y
or VHR-4N
or the same Spec.
5
-Vo
6
+Vo
7
+Vo
Additional Resources:
Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com