Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-550 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-550
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-550 Datasheet(HTML) 2 Page - CUI INC

  VOF-550_V01 Datasheet HTML 1Page - CUI INC VOF-550_V01 Datasheet HTML 2Page - CUI INC VOF-550_V01 Datasheet HTML 3Page - CUI INC VOF-550_V01 Datasheet HTML 4Page - CUI INC VOF-550_V01 Datasheet HTML 5Page - CUI INC VOF-550_V01 Datasheet HTML 6Page - CUI INC VOF-550_V01 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 04/20/2021
│ page 2 of 7
CUI Inc
│ SERIES: VOF-550 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
at 115 Vac, full load
at 230 Vac, full load
6
3
A
A
inrush current
at 230 Vac, cold start
45
A
leakage current
at 115 Vac
at 230 Vac
0.2
0.4
mA
mA
power factor
at full load
0.95
no load power consumption
0.7
W
input fuse
8 A/250 V time delay fuse (included)
OUTPUT
parameter
conditions/description
min
typ
max
units
initial set point accuracy
±1
%
line regulation
±0.5
%
load regulation
from 100% to 10% load
±1
%
start-up delay time
2
s
rise time
at 115/230 Vac
55
ms
hold-up time
at 115/230 Vac, full load
16
ms
adjustability
built in trim pot
±3
%
switching frequency
50
300
kHz
transient response
25% step load change, at 0.1 A/µS slew rate, 50%
duty cycle, 50/60 Hz, max excursion 4%, recovery
time 5 ms
temperature coefficient
at 0~50°C
±0.05
%/°C
fan output1
12 Vdc / 500 mA
Notes:
1. Fan supply output voltage tolerance including set point accuracy, line and load regulation is ±10% and ripple and noise is less than 10%.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
hiccup, auto recovery
110
140
%
over current protection
hiccup, auto recovery
110
%
short circuit protection
hiccup, auto recovery
over temperature protection
goes into hiccup mode when the temperature of
the PCB exceeds 110±10°C, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
input to ground
3,000
1,500
Vac
Vac
safety approvals
EN 60950-1, IEC 60950-1 (ed.2), UL 60950
(ed.2), CSA C22.2 No. 60950-1 (ed.2), Class 1
SELV complies with LVD directive
safety class
class I
conducted emissions
EN 55032 Class B
radiated emissions
EN 55032 Class B (to be controlled in end system with external
core (King core K5B RC 25 x 12 x 15-M in input cable (5 turns))
input current harmonics
EN 61000-3-2, class D
Notes:
2. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com