Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-550 Datasheet(PDF) 5 Page - CUI INC

Part # VOF-550
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-550 Datasheet(HTML) 5 Page - CUI INC

  VOF-550_V01 Datasheet HTML 1Page - CUI INC VOF-550_V01 Datasheet HTML 2Page - CUI INC VOF-550_V01 Datasheet HTML 3Page - CUI INC VOF-550_V01 Datasheet HTML 4Page - CUI INC VOF-550_V01 Datasheet HTML 5Page - CUI INC VOF-550_V01 Datasheet HTML 6Page - CUI INC VOF-550_V01 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 04/20/2021
│ page 5 of 7
CUI Inc
│ SERIES: VOF-550 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
5.00 x 3.00 x 1.50 (127.00 x 76.20 x 38.10 mm)
inch
weight
400
g
cooling
external fan or conduction plate
J1 input connector
Mates with JST housing VHR-3M; pins SVH-41T-P1.1 or equivalent
J2 output connector
Accepts ring tongue terminal AMP 8-31886-1 for max 16 AWG wire up to 11 A. Use multiple terminals
for higher currents.
J3 fan connector
Mates with Tyco 640440-2
MECHANICAL DRAWING
J1
PIN
Function
1
L
2
NC
3
N
J2
PIN
Function
1
+VE
2
-VE
J3
PIN
Function
1
+FAN
2
-FAN
units: inch [mm]
tolerance: ±0.04 [±1.0]
±
0
6
.
5
1
1
[
8
0
0
.
0
±
1
5
5
.]
4
2
.
0
±
0
6
.
5
1
1
[
8
0
0
.
0
±
1
5
5
.]
4
2
.
0
]
0
0
.
7
2
1
[
0
0
0
.
5]
0
0
.
7
2
1
[
0
0
0
.
5
]
0
7
.
5
[
5
2
2
.
0]
0
7
.
5
[
5
2
2
.
0
]
0
7
.
5
[
5
2
2
.
0]
0
7
.
5
[
5
2
2
.
0
S
E
L
O
H
G
N
I
T
N
U
O
MS
E
L
O
H
G
N
I
T
N
U
O
M
]
0
2
.
3
A
I
D
[
6
2
1
.
0
A
I
D
]
0
2
.
3
A
I
D
[
6
2
1
.
0
A
I
D
S
L
P
-
4S
L
P
-
4
]
0
1
.
8
3
[
0
0
5
.
1]
0
1
.
8
3
[
0
0
5
.
1
W
O
L
F
R
I
A
F
O
N
O
I
T
C
E
R
IW
DO
L
F
R
I
A
F
O
N
O
I
T
C
E
R
I
D
]
2
7
.
1
[
8
6
0
.
0]
2
7
.
1
[
8
6
0
.
0
]
0
6
.
1
[
3
6
0
.
0]
0
6
.
1
[
3
6
0
.
0
]
0
0
.
9
[
5
5
3
.
0]
0
0
.
9
[
5
5
3
.
0
A
0
2
JA
0
2
J
11
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com