Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-130 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-130
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-130 Datasheet(HTML) 2 Page - CUI INC

  VOF-130 Datasheet HTML 1Page - CUI INC VOF-130 Datasheet HTML 2Page - CUI INC VOF-130 Datasheet HTML 3Page - CUI INC VOF-130 Datasheet HTML 4Page - CUI INC VOF-130 Datasheet HTML 5Page - CUI INC VOF-130 Datasheet HTML 6Page - CUI INC VOF-130 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 11/08/2021
│ page 2 of 7
CUI Inc
│ SERIES: VOF-130 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
80
264
Vac
frequency
47
60
Hz
current
at 100 Vac, full load
1.8
A
inrush current
at 240 Vac, cold start
100
A
leakage current
0.1
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
output capacitance
12 Vdc output model
24 Vdc output model
36 Vdc output model
48 Vdc output model
8,400
4,200
2,720
2,040
µF
µF
µF
µF
initial set point accuracy
at full load
±2
%
line regulation
100 ~ 240 Vac, full load
±0.5
%
load regulation
10 ~ 100% load
±1
%
hold-up time
at 115 Vac, 25°C
20
ms
switching frequency
105
kHz
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
auto recovery
12 Vdc output model
24 Vdc output model
36 Vdc output model
48 Vdc output model
13.5
30
42
54
Vdc
Vdc
Vdc
Vdc
over current protection
auto recovery
115
130
145
%
short circuit protection
auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 1 minute
input to ground, for 1 minute
output to ground, for 1 minute
3,000
1,500
500
Vac
Vac
Vac
safety approvals
certified to 62368: IEC/EN/UL
safety class
class I, class II
conducted emissions
EN 55032, 47 CFR FCC Part 15 (Class I & Class II meets Class B)
radiated emissions
EN 55032, 47 CFR FCC Part 15 (Class I Meet Class B; Class II Meet Class A)
harmonic current
EN 61000-3-2:2014
voltage fluctuations and flicker
EN 61000-3-3:2013
ESD
IEC 61000-4-2:2008 Air Discharge: ±8kV, Contact Discharge: ±4kV, perf. Criteria A
radiated immunity
IEC 61000-4-3:2010, perf. Criteria A
EFT/burst
IEC 61000-4-4:2012, ±1kV, ±2kV, perf. Criteria A
surge
IEC 61000-4-5:2014, L-N: ±0.5kV, ±1kV, L-E(Ground): ±0.5kV, ±1kV, ±2kV, perf. Criteria A
conducted immunity
IEC 61000-4-6:2013
voltage dips and interruptions
IEC 61000-4-11:2004, Dip: 30% Reduction, Dip >95% Reduction, perf. Criteria A
IEC 61000-4-11:2004, >95% Reduction, perf. Criteria B
MTBF
as per MIL-HDBK-217F at 25°C
400,000
hours
RoHS
yes
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com