Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-130 Datasheet(PDF) 4 Page - CUI INC

Part # VOF-130
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-130 Datasheet(HTML) 4 Page - CUI INC

  VOF-130 Datasheet HTML 1Page - CUI INC VOF-130 Datasheet HTML 2Page - CUI INC VOF-130 Datasheet HTML 3Page - CUI INC VOF-130 Datasheet HTML 4Page - CUI INC VOF-130 Datasheet HTML 5Page - CUI INC VOF-130 Datasheet HTML 6Page - CUI INC VOF-130 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
date 11/08/2021
│ page 4 of 7
CUI Inc
│ SERIES: VOF-130 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
open frame models: 3.000 x 2.000 x 1.201 [76.2 x 50.8 x 30.5 mm]
base plate models: 3.598 x 2.000 x 1.299 [91.4 x 50.8 x 33.0 mm]
covered models: 3.598 × 2.520 × 1.358 [91.4 x 64.0 x 34.5 mm]
inches
inches
inches
weight
open frame models
base plate models
covered models
135
170
218
g
g
g
cooling
natural convection (no integrated fan), see derating curve
10 CFM
100
130
W
W
MECHANICAL DRAWING
Open-frame
units: inch [mm]
general tolerance: ±0.02 [±0.5]
PIN-OUT
PIN
Function
1
AC (L)
2
AC (N)
3
-Vo
4
-Vo
5
+Vo
6
+Vo
Additional Resources:
Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com