Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC23451 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 4 Page - Microchip Technology

  MIC23451 Datasheet HTML 1Page - Microchip Technology MIC23451 Datasheet HTML 2Page - Microchip Technology MIC23451 Datasheet HTML 3Page - Microchip Technology MIC23451 Datasheet HTML 4Page - Microchip Technology MIC23451 Datasheet HTML 5Page - Microchip Technology MIC23451 Datasheet HTML 6Page - Microchip Technology MIC23451 Datasheet HTML 7Page - Microchip Technology MIC23451 Datasheet HTML 8Page - Microchip Technology MIC23451 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MIC23451
DS20006662A-page 4
2022 Microchip Technology Inc. and its subsidiaries
Output Voltage Load
Regulation
(VOUT1, VOUT2, VOUT3)
—
—
0.2
—
%
DCM: 20 mA < ILOAD < 130 mA,
VIN = 3.6V if VOUT(NOM) < 2.5V
—
0.4
—
DCM: 20 mA < ILOAD < 130 mA,
VIN = 5.0V if VOUT(NOM) > 2.5V
—
0.6
—
CCM: 200 mA < ILOAD < 500 mA,
VIN = 3.6V if VOUT(NOM) < 2.5V
—
0.3
—
CCM: 200 mA < ILOAD < 1A,
VIN = 5.0V if VOUT(NOM) > 2.5V
PWM Switch ON-Resistance
(RSW1, RSW2, RSW3)
RDS(ON)
—
0.217
—
Ω
ISW1, ISW2, ISW3 = +100 mA
(PMOS)
Maximum Frequency
fMAX
—
—
3
MHz IOUT1, IOUT2, IOUT3 = 120 mA
Soft-Start Time
tSS
—
150
—
µs
VOUT1, VOUT2, VOUT3 = 90%
Power Good Threshold
PGTH
83
90
96
%
% of VNOM
Power Good Hysteresis
PGHYS
—
10
—
%
—
Power Good Pull-Down
PGPD
—
—
200
mV
VSNS = 90% VNOM, IPG = 1 mA
Enable Threshold
VEN
0.5
0.9
1.2
V
Turn-On
Enable Input Current
IEN
—
0.1
1
µA
—
Overtemperature Shutdown
TSHDN
—
160
—
°C
—
Overtemperature Shutdown
Hysteresis
TSHDN(HYS)
—
20
—
°C
—
Note 1: Specifications are for packaged products only.
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Temperature Range
TJ
–40
—
+125
°C
Note 1
Storage Temperature Range
TS
–65
—
+150
°C
—
Package Thermal Resistances
Thermal Resistance, FQFN 26-Ld
JA
—
20
—
°C/W —
JC
—
10
—
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: TA = +25°C; VIN = VEN1 = VEN2 = VEN3 = 3.6V; L1 = L2 = L3 = 1 µH; COUT1 = COUT2 =
COUT3 = 4.7 µF, unless otherwise specified. Bold values valid for –40°C ≤ TJ ≤ +125°C, unless noted. (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com