Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC23451 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 5 Page - Microchip Technology

  MIC23451 Datasheet HTML 1Page - Microchip Technology MIC23451 Datasheet HTML 2Page - Microchip Technology MIC23451 Datasheet HTML 3Page - Microchip Technology MIC23451 Datasheet HTML 4Page - Microchip Technology MIC23451 Datasheet HTML 5Page - Microchip Technology MIC23451 Datasheet HTML 6Page - Microchip Technology MIC23451 Datasheet HTML 7Page - Microchip Technology MIC23451 Datasheet HTML 8Page - Microchip Technology MIC23451 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006662A-page 5
MIC23451
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Efficiency vs. Output
Current, VOUT = 2.5V.
FIGURE 2-2:
Efficiency vs. Output
Current, VOUT = 1.8V.
FIGURE 2-3:
Current Limit vs. Input
Voltage.
FIGURE 2-4:
Shutdown Current vs. Input
Voltage.
FIGURE 2-5:
Line Regulation (Low
Loads).
FIGURE 2-6:
Line Regulation (High
Loads).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
23456
INPUT VOLTAGE (V)
CH3 = 1.2V
CH2 = 1.8V
CH1 = 2.5V
0
20
40
60
80
100
120
140
160
180
23456
INPUT VOLTAGE (V)
1.70
1.75
1.80
1.85
1.90
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
IOUT = 1mA
IOUT = 20mA
IOUT = 80mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com