Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLC10G22LS-240PVT Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLC10G22LS-240PVT
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22LS-240PVT Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLC10G22LS-240PVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 11Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 12Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
BLC10G22LS-240PVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2017
8 of 17
BLC10G22LS-240PVT
Power LDMOS transistor
7.4.3 1-Carrier W-CDMA
VDS =28V; IDq = 1600 mA.
(1) f = 2115 MHz
(2) f = 2140 MHz
(3) f = 2165 MHz
VDS =28V; IDq = 1600 mA.
(1) f = 2115 MHz
(2) f = 2140 MHz
(3) f = 2165 MHz
Fig 9.
Peak-to-average ratio as a function of output
power; typical values
Fig 10. Peak output power as a function of output
power; typical values
amp00204
34
36
38
40
42
44
46
48
50
4
6
8
10
12
PL (dBm)
PAR
PAR
PAR
(dB)
(dB)
(dB)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
amp00205
34
36
38
40
42
44
46
48
50
46
48
50
52
54
56
PL (dBm)
PL(M)
L(M)
PL(M)
(dBm)
(dBm)
(dBm)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
VDS =28V; IDq = 1600 mA.
(1) f = 2112.5 MHz
(2) f = 2140 MHz
(3) f = 2167.5 MHz
VDS =28V; IDq = 1600 mA.
(1) f = 2112.5 MHz
(2) f = 2140 MHz
(3) f = 2167.5 MHz
Fig 11. Power gain as a function of output power;
typical values
Fig 12. Drain efficiency as a function of output power;
typical values
amp00206
28
32
36
40
44
48
52
17
18
19
20
21
22
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
amp00207
28
32
36
40
44
48
52
0
10
20
30
40
50
PL (dBm)
ηD
ηD
(%)
(%)
(%)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com