Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLC10G22LS-240PVT Datasheet(PDF) 11 Page - Ampleon Netherlands B.V.

Part # BLC10G22LS-240PVT
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22LS-240PVT Datasheet(HTML) 11 Page - Ampleon Netherlands B.V.

Back Button BLC10G22LS-240PVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 11Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 12Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 13Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 14Page - Ampleon Netherlands B.V. BLC10G22LS-240PVT Datasheet HTML 15Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
BLC10G22LS-240PVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2017
11 of 17
BLC10G22LS-240PVT
Power LDMOS transistor
7.4.5 2-Tone VBW
VDS =28V; IDq = 1600 mA.
(1) low
(2) high
Fig 20. VBW capability in class-AB test circuit
amp00196
1
10
102
103
-80
-60
-40
-20
0
carrier spacing (MHz)
IMD
IMD
IMD
(dBc)
(dBc)
(dBc)
(1)
(1)
(1)
(2)
(2)
(2)
(1)
(1)
(1)
(2)
(2)
(2)
(1)
(1)
(1)
(2)
(2)
(2)
IMD3
IMD3
IMD3
IMD5
IMD5
IMD5
IMD7
IMD7
IMD7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com