Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

4812 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4812
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4812 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4812 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4812 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4812 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4812 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4812 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page
v1.0
3
www.sztuofeng.com
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
30
012345
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=3V
3.5V
4V
4.5V
10V
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VGS (Volts)
Figure 2: Transfer Characteristics
10
20
30
40
50
60
0
5
10
15
20
ID (Amps)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body diode characteristics
125°C
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0
50
100
150
200
Temperature ( °C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=10V
VGS=4.5V
10
20
30
40
50
60
70
24
68
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
ID=6.9A
125°C
25°C
25°C
ID=6.9A
5V
6V
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
4812



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com