Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3941A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941A
Description  Cellular Phone Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3941A Datasheet HTML 1Page - National Semiconductor (TI) LP3941A Datasheet HTML 2Page - National Semiconductor (TI) LP3941A Datasheet HTML 3Page - National Semiconductor (TI) LP3941A Datasheet HTML 4Page - National Semiconductor (TI) LP3941A Datasheet HTML 5Page - National Semiconductor (TI) LP3941A Datasheet HTML 6Page - National Semiconductor (TI) LP3941A Datasheet HTML 7Page - National Semiconductor (TI) LP3941A Datasheet HTML 8Page - National Semiconductor (TI) LP3941A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Connection Diagrams and Package Mark Information
48-Pin Leadless Leadframe Package
See NS Package Number LQA48B
20094503
Note: Circle marks pin 1 position. Pin 1 name is N/C.
Top View
20094502
Bottom View
20094517
Note: The actual physical placement of the package marking will vary from part to part. The package markings “UZYY” designate assembly and manufacturing
information. “TT” is a NSC internal code for die traceability. Both will vary considerably. “3941LQA” identifies the device.
Package Mark — Top View
Ordering Information
Order Number
Package Marking
Supplied As
LP3941LQ-A
LP3941LQA
250 units, Tape-and-Reel
LP3941LQX-A
LP3941LQA
2500 units, Tape-and-Reel
Note: *See LP3941A register table and LDO programming table for information on the default voltages for LP3941A.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com