Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3941A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941A
Description  Cellular Phone Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3941A Datasheet HTML 1Page - National Semiconductor (TI) LP3941A Datasheet HTML 2Page - National Semiconductor (TI) LP3941A Datasheet HTML 3Page - National Semiconductor (TI) LP3941A Datasheet HTML 4Page - National Semiconductor (TI) LP3941A Datasheet HTML 5Page - National Semiconductor (TI) LP3941A Datasheet HTML 6Page - National Semiconductor (TI) LP3941A Datasheet HTML 7Page - National Semiconductor (TI) LP3941A Datasheet HTML 8Page - National Semiconductor (TI) LP3941A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Pin Description
Pin #
Name
I/O
Type
Description
1
N/C
-
-
Not used. Connect to ground.
2
AGND3
G
G
Analog ground pin.
3V
O8
O
A
LDO 8 Output
4
IN5
I
P
Input power terminal to LDO’s. Must be connected to IN1–4 and IN6.
5V
O9
O
A
LDO 9 output.
6V
O10
O
A
LDO 10 output.
7
IN6
I
P
Input power terminal to LDO’s. Must be connected to IN1–5.
8V
O11
O
A
LDO 11 output.
9
DGND
G
G
Ground pin.
10
V
O3
O
A
LDO 3 output.
11
IN2
I
P
Input power terminal to LDO’s. Must be connected to IN1 and IN3–6.
12
V
O2
O
A
LDO 2 output.
13
IN1
I
P
Input power terminal to LDO’s. Must be connected to IN2–6.
14
V
O1
O
A
LDO 1 output.
15
PS-HOLD
I
D
Active low off key initiated by the micro controller.
16
BU_BAT
I
A
Back-up battery connection.
17
VRTC
O
A
RTC_LDO output.
18
IN (COMP1)
I
A
Non-inverting inout of the comparator 1.
19
OUT (COMP1)
O
A
Output of the comparator 1.
20
AGND1
G
G
Analog ground pin.
21
IN (COMP2)
I
A
Non-inverting input of the comparator 2.
22
OUT (COMP2)
O
A
Output of the comparator 2.
23
REF-BYP
I
A
Reference bypass capacitor.
24
V
O7
O
A
LDO 7 output.
25
V
O6-EN
I
D
LDO 6 on/off pin. Internal pull-down resistor of 1 M
Ω.
26
IN4
I
P
Input power terminal to LDO’s. Must be connected to IN1–3 and IN5–6.
27
V
O6
O
A
LDO 6 output.
28
V
O5
O
A
LDO 5 output.
29
IN3
I
P
Input power terminal to LDO’s. Must be connected to IN1–2 and IN4–6.
30
V
O4
O
A
LDO 4 output.
31
BSNS
I
A
Main battery ID resistor connection.
32
ON
O
OD
Inverted open drain output signal of the ON input. Pulled low when ON is
pulled high and open drain when ON is pulled low. There is no significant
delay between the ON signal going high and ON pin going low. The delay
between ON signal going low and ON pin is determined by the pull up current
and capacitance connected to this pin.
33
BATT
SENSE
I
A
Battery voltage sense pin. Should be connected as close to the battery’s +
terminal as possible.
34
Drive
O
A
Gate drive to the external MOSFET.
35
BATT
O
A
Battery supply input terminal. Must have 10 µF ceramic capacitor to GND.
36
V
O5-EN
I
D
LDO 5 on/off pin. Internal pull down resistor of 1 M
Ω.
37
RTC_ALARM
I
D
RTC_ALARM input.
38
ON
I
D
Active high power On/Off key. This pin is pulled to GND by an internal 200
k
Ω resistor.
39
HF_PWR
I
D
Active high Hands Free connection signal. This pin has an internal 200 k
pull down resistor.
40
CHG_IN
I
P
Charger input from a current limited power source. Must havea1µF ceramic
capacitor to GND.
41
I
SENSE
O
A
Charge current sense resistor.
42
RESET
O
OD
Reset output. Active low. (See Power Up Timing Diagram.)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com