Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HV461 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV461
Description  HV461FG Ring Generator Controller IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461 Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV461 Datasheet HTML 5Page - Supertex, Inc HV461 Datasheet HTML 6Page - Supertex, Inc HV461 Datasheet HTML 7Page - Supertex, Inc HV461 Datasheet HTML 8Page - Supertex, Inc HV461 Datasheet HTML 9Page - Supertex, Inc HV461 Datasheet HTML 10Page - Supertex, Inc HV461 Datasheet HTML 11Page - Supertex, Inc HV461 Datasheet HTML 12Page - Supertex, Inc HV461 Datasheet HTML 13Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
HV461
9
Block Diagram and Typical Application
Figure 5: Block Diagram and Typical Application
VGD
FAULT
VREF1
ringer
output
SYNC
VDD
RESET
3
DCREF1–3
OSC
Sine Wave
Synthesizer
2
freq
2
AGND
DVDD
reset
SINEREF
Differential
Amplifier
Error
Amplifier
output
reference
Boost
Converter
SYNCMODE
Enable
Control
enable
PWMSYNC
SW1
SW2
SW3
SW4
sync
FRING
VGD
clk
LE
VDCL
VREF1
PLL
20k
VREF2
Precision
Reference
VREF1
DGND
PWM
Controller
PWMin
enable
overcurrent prideadband
sec delay
switch
drivers
current
limit
dutycyclelimit
osc
ROSC
freq
amp
offset
overrange
CL-
CL+
CLCOMP
Sync
VREF2
TSYNC
VREF1
20k
20k
40k
10k
20k
10k
VREF1
PGND
AVDD
XTAL
VDD
VDR
DIFFAMP+
DIFFAMPO
DIFFAMP-
PLLFLT
TDB
TDLY
VREF1
COMP1
COMP2
VREF1
FREQ0
FREQ1
FREQ2
AMP0
AMP1
OFF0
OFF1
ENABLE
+1
10 A
Undervoltage
Detector
undervoltage
Latch
Offset
Mux
Amplitude
Mux
Deglitcher
CFAULT
referto power
stage schematic
VDD
VDD
2
+1
1.25V
2.50V
referto
power stage
schematic
VDD
RFAULT
100
VDD
to host
controller
VDD
external ring
frequency
CPLL2
33µF
RPLL
10k
CPLL1
4.7µF
PLL filter only required for
external ring frequency
to host
controller
CDLY selected for
desired Fault
response time
RFB2
4.02M
RDB
4.7
CDB
120pF
RDLY
4.7
CDLY
120pF
CFAULT
10µF
RDCL1
100
RDCL2
33
ROSC
267k
RFB3
30.1k
RFB1
30.1k
RFB4
4.02M
CCOMP2
1nF
CCOMP1
47nF
RCOMP
2.7k
RDC1 RDC2 RDC3 RDC4
RTSYNC
3.3k
CTSYNC
100nF
Y1
19.6608MHz
CRESET
4.7µF
CREF1
100nF
CREF2
100nF
CDD1
10µF
LGD
330µH
DGD
4148
QGD
TN2504
CGD
6.8µF
CSINE
47nF
CDD2
100nF
CDC
100nF
R
DC1 - RDC4 selected for
the desired DC Offsets.
R
TSYNC and CTSYNC selected for
desired ring sync lead time
k
k
k
k
k
HV461FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com