Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HV461 Datasheet(PDF) 10 Page - Supertex, Inc

Part # HV461
Description  HV461FG Ring Generator Controller IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461 Datasheet(HTML) 10 Page - Supertex, Inc

Back Button HV461 Datasheet HTML 6Page - Supertex, Inc HV461 Datasheet HTML 7Page - Supertex, Inc HV461 Datasheet HTML 8Page - Supertex, Inc HV461 Datasheet HTML 9Page - Supertex, Inc HV461 Datasheet HTML 10Page - Supertex, Inc HV461 Datasheet HTML 11Page - Supertex, Inc HV461 Datasheet HTML 12Page - Supertex, Inc HV461 Datasheet HTML 13Page - Supertex, Inc HV461 Datasheet HTML 14Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HV461
10
Typical Power Stage for 15 REN Ring Generator
-48V
SW2
SW1
SW3
SW4
CL-
CL+
CLCOMP
PWR
GND
VREF1
Output
Reference
Ringer
Output
ROUT2
1.0M
52 H
QSW2
IRF9540
QSW1
IRF530
CIN1
470µF
CIN2
470nF
RPR1
100k
RSW1a
220
DSW2
MMBD4148
ZSWa,b
12V
CPRI2
470nF
RPRI2
100k
CPRI1
100µF
CPRI3
100µF
CPRI4
470nF
TMAIN
1:6.5:6.5
CSW4b
100nF
COUT1
1µF
COUT2
1µF
QSW3
IRFR320
QSW4
IRFR320
ROUT1
1.0M
RSW4a
10k
RSW4b
220
DSW4
MMBD4148
RSW3b
10k
DSW3
MMBD4148
RSW3a
220
CSW3b
100nF
ZSW2a,b
12V
RSW2a
220
DSW2
MMBD4148
LIN
Ferrite bead
RSENSE
0.18
RCL3
39k
RCL2
10k
RCL1
10k
RCL4
6.8k
CCL2
68nF
CCL1
10nF
CSW3a
100nF
CSW4a
100nF
CSW1
100nF
CSW2
100nF
TSW4
1:1
TSW3
1:1
RSW1b
100k
RSW2b
100k
Figure 6: Typical Power Stage for 15 REN Ring Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com