Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6711 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 13Page - STMicroelectronics L6711 Datasheet HTML 14Page - STMicroelectronics L6711 Datasheet HTML 15Page - STMicroelectronics L6711 Datasheet HTML 16Page - STMicroelectronics L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics L6711 Datasheet HTML 19Page - STMicroelectronics L6711 Datasheet HTML 20Page - STMicroelectronics L6711 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17/38
L6711
Figure 9. Remote Buffer Connections
8
VOLTAGE POSITIONING
Output voltage positioning is performed by selecting the reference DAC and by programming the different
contributors to the IFB current (see Figure 10). This current, sourced from the FB pin, causes the output
voltage to vary according to the external RFB resistor: this allows programming precise output voltage vari-
ations depending on the sensed current (Droop Function) as well as offsets for the regulation.
The three contributors to the IFB current value are:
Droop Function (green);
Offset (red);
Integrated Temperature Compensation (fuchsia).
Moreover, the embedded Remote Buffer allows to precisely programming the output voltage offsets and
variations by recovering the voltage drops across distribution lines.
The output voltage is then driven by the following relationship (IOFFSET sign depends on TC setting):
Figure 10. Voltage Positioning and Droop Function
8.1
DROOP FUNCTION
Droop function allows the device to satisfy the requirements of high performance microprocessors, reduc-
ing the size and the cost of the output capacitor. This method "recovers" part of the drop due to the output
capacitor ESR in the load transient, introducing a dependence of the output voltage on the load current:
a static error proportional to the output current causes the output voltage to vary according to the sensed
current. As shown in figure 4-right, the ESR drop is present in any case, but using the droop function the
total deviation of the output voltage is minimized.
RB used (up to ±0.5% Accuracy)
RB Not Used (Precision worsened)
VID
FB
COMP
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
(Remote Sense)
VID
FB
COMP
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
V
OUT
VID
R
FB
I
FB
VID
R
FB
I
DROOP
I
OFFSET
I
TC
±
()
==
VMAX
VMIN
VNOM
ESR DROP
RESPONSE WITHOUT DROOP
RESPONSE WITH DROOP
IDROOP
VID
FB
COMP
I
FB
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
(Remote Sense)
IOFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com