Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6711 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 30Page - STMicroelectronics L6711 Datasheet HTML 31Page - STMicroelectronics L6711 Datasheet HTML 32Page - STMicroelectronics L6711 Datasheet HTML 33Page - STMicroelectronics L6711 Datasheet HTML 34Page - STMicroelectronics L6711 Datasheet HTML 35Page - STMicroelectronics L6711 Datasheet HTML 36Page - STMicroelectronics L6711 Datasheet HTML 37Page - STMicroelectronics L6711 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
L6711
36/38
Table of Contents
1
FEATURES ........................................................................................................................................1
2
APPLICATIONS .................................................................................................................................1
3
DESCRIPTION...................................................................................................................................1
4
DEVICE DESCRIPTION ..................................................................................................................13
5
CURRENT READING AND CURRENT SHARING CONTROL LOOP ............................................13
5.1
LOW SIDE CURRENT READING..........................................................................................14
5.2
INDUCTOR CURRENT READING ........................................................................................15
6
DAC SELECTION ............................................................................................................................16
7
REMOTE VOLTAGE SENSE...........................................................................................................16
7.1
WARNING:.............................................................................................................................16
8
VOLTAGE POSITIONING................................................................................................................17
8.1
DROOP FUNCTION ..............................................................................................................17
8.2
OFFSET .................................................................................................................................18
8.3
INTEGRATED THERMAL SENSOR......................................................................................19
9
DYNAMIC VID TRANSITION ...........................................................................................................20
9.1
VID_SEL = OPEN (SEE FIGURE 14). ...................................................................................21
9.1.1
WARNING: .....................................................................................................................21
9.2
VID_SEL = GND (SEE FIGURE 15). .....................................................................................22
10
ENABLE AND DISABLE ..................................................................................................................22
10.1 OUTEN PIN............................................................................................................................22
10.2 NOCPU (VID [0;5]=11111X) ..................................................................................................22
11
SOFT START ...................................................................................................................................23
12
OUTPUT VOLTAGE MONITOR AND PROTECTIONS ...................................................................23
12.1 UVP PROTECTION ...............................................................................................................23
12.2 PROGRAMMABLE OVP PROTECTION ...............................................................................23
12.3 PRELIMINARY OVP PROTECTION (PRE-OVP) ..................................................................23
13
OVERCURRENT PROTECTION .....................................................................................................24
13.1 LS MOSFET SENSE (CS_SEL=OPEN) OVERCURRENT ...................................................25
13.2 TON LIMITED OUTPUT VOLTAGE.......................................................................................25
13.2.1 CONSTANT CURRENT OPERATION ...........................................................................25
13.3 INDUCTOR SENSE (CS_SEL = SGND) OVER CURRENT..................................................26
14
OSCILLATOR...................................................................................................................................27
15
DRIVER SECTION...........................................................................................................................28
16
POWER DISSIPATION ....................................................................................................................28
17
SYSTEM CONTROL LOOP COMPENSATION...............................................................................29
18
LAYOUT GUIDELINES ....................................................................................................................31
18.1 POWER CONNECTIONS. .....................................................................................................31
18.2 POWER CONNECTIONS RELATED. ...................................................................................32
18.3 CURRENT SENSE CONNECTIONS.....................................................................................33
19
EMBEDDING L6711-BASED VRDS….............................................................................................34
20
TQFP48 MECHANICAL DATA & PACKAGE DIMENSIONS ...........................................................35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com