Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP5589ACPZ-02-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP5589ACPZ-02-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACPZ-02-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP5589ACPZ-02-R7 Datasheet HTML 38Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 39Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 40Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 41Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 42Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 43Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 44Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 45Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 42 of 52
Bits
Name
R/W
Description
[1:0]
RESET_PULSE_WIDTH[1:0]
R/W
Defines the pulse width of the reset signals.
Parameter common to both RESET1 and RESET2.
00 = 500 µs.
01 = 1 ms.
10 = 2 ms.
11 = 10 ms.
ADP5589AC_Z-00-R7, ADP5589AC_Z-02-R7 Default = 0000 0000
ADP5589AC_Z-01-R7 Default = 0010 0000
PWM_OFFT_LOW Register 0x3E
Table 70. PWM_OFFT_LOW Bit Descriptions
Bits
Name
R/W
Description
[7: 0]
PWM_OFFT_LOW_BYTE[7:0]
R/W
Lower eight bits of PWM off time.
PWM_OFFT_HIGH Register 0x3F
Table 71. PWM_OFFT_HIGH Bit Descriptions
Bits
Name
R/W
Description
[7: 0]
PWM_OFFT_HIGH_BYTE[7:0]
R/W
Upper eight bits of PWM off time.
PWM_ONT_LOW Register 0x40
Table 72. PWM_ONT_LOW Bit Descriptions
Bits
Name
R/W
Description
[7:0]
PWM_ONT_LOW_BYTE[7:0]
R/W
Lower eight bits of PWM on time.
PWM_ONT_HIGH Register 0x41
Table 73. PWM_ONT_HIGH Bit Descriptions
Bits
Name
R/W
Description
[7:0]
PWM_ONT_HIGH_BYTE[7:0]
R/W
Upper eight bits of PWM on time. Note that updated PWM times are not latched until this
byte is written to. PWM count times are referenced from the internal oscillator. The fastest
oscillator setting is 500 kHz (1 µs increments). Therefore, maximum on/off time is
1 µs × (216 −1) = 65.5 ms
This gives PWM frequencies from 500 kHz down to 7.6 Hz.
PWM_CFG Register 0x42
Table 74. PWM_CFG Bit Descriptions
Bits
Name
R/W
Description
[7:3]
Reserved.
2
PWM_IN_AND
R/W
AND the internally generated PWM signal with an externally supplied PWM signal (C6).
1
PWM_MODE
R/W
Defines PWM mode.
0 = continuous.
1 = one shot.
If a one-shot is performed, the PWM_EN bit is automatically cleared.
If a second one-shot must be performed, the user must set PWM_EN again.
0
PWM_EN
R/W
Enable PWM generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com