Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP5589ACPZ-02-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5589ACPZ-02-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACPZ-02-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5589ACPZ-02-R7 Datasheet HTML 18Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 19Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 20Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 21Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 22Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 23Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 24Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 25Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 22 of 52
Addr.
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x33
R/W
UNLOCK1_
STATE
UNLOCK1[6:0]
0x34
R/W
UNLOCK2_
STATE
UNLOCK2[6:0]
0x35
R/W
EXT_LOCK_
STATE
EXT_LOCK_EVENT[6:0]
0x36
R/W
INT_MASK_TIMER[4:0]
UNLOCK_TIMER[2:0]
0x37
R/W
Reserved
LOCK_EN
0x38
R/W
RESET1_
EVENT_A Level
RESET1_EVENT_A[6:0]
0x39
R/W
RESET2_
EVENT_B Level
RESET1_EVENT_B[6:0]
0x3A
R/W
RESET1_
EVENT_B Level
RESET1_EVENT_C[6:0]
0x3B
R/W
RESET1_
EVENT_B Level
RESET2_EVENT_A[6:0]
0x3C
R/W
RESET1_
EVENT_B Level
RESET2_EVENT_B[6:0]
0x3D
R/W
RESET2_POL
RESET1_POL
RST_
PASSTHRU_EN
RESET_TRIGGER_TIME[2:0]
RESET_PULSE_WIDTH[1:0]
0x3E
R/W
PWM_OFFT_LOW_BYTE[7:0]
0x3F
R/W
PWM_OFFT_HIGH_BYTE[7:0]
0x40
R/W
PWM_ONT_LOW_BYTE[7:0]
0x41
R/W
PWM_ONT_HIGH_BYTE[7:0]
0x42
R/W
Reserved
PWM_IN_AND
PWM_MODE
PWM_EN
0x43
R/W
Reserved
CLK_INV
CLK_DIV[4:0]
CLK_DIV_EN
0x44
R/W
Reserved
LY1_INV
LC1_INV
LB1_INV
LA1_INV
LOGIC1_SEL[2:0]
0x45
R/W
LY1_CASCADE
LY2_INV
LC2_INV
LB2_INV
LA2_INV
LOGIC2_SEL[2:0]
0x46
R/W
Reserved
FF2_SET
FF2_CLR
FF1_SET
FF1_CLR
0x47
R/W
Reserved
LY2_DBNC_DIS
LOGIC2_
EVENT_EN
LOGIC2_INT_
LEVEL
LY1_DBNC_
DIS
LOGIC1_
EVENT_EN
LOGIC1_INT_
LEVEL
0x48
R/W
Reserved
KEY_POLL_TIME[1:0]
0x49
R/W
PIN_CONFIG_A[7:0]
0x4A
R/W
PIN_CONFIG_B[7:0]
0x4B
R/W
Reserved
PIN_CONFIG_C[2:0]
0x4C
R/W
PULL_SELECT
C4_EXTEND_
CFG
R4_EXTEND_
CFG
C6_
EXTEND_CFG
R3_EXTEND_CFG[1:0]
C9_EXTEND_
CFG
R0_EXTEND_
CFG
0x4D
R/W
OSC_EN
CORE_FREQ[1:0]
LCK_TRK_
LOGIC
LCK_TRK_GPI
INT_CFG
RST_CFG
0x4E
R/W
Reserved
LOGIC2_IEN
LOGIC1_
IEN
LOCK_IEN
OVRFLOW_
IEN
GPI_IEN
EVENT_IEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com