Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA2075A Datasheet(PDF) 5 Page - Tripath Technology Inc.

Part # TDA2075A
Description  STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TDA2075A Datasheet(HTML) 5 Page - Tripath Technology Inc.

  TDA2075A Datasheet HTML 1Page - Tripath Technology Inc. TDA2075A Datasheet HTML 2Page - Tripath Technology Inc. TDA2075A Datasheet HTML 3Page - Tripath Technology Inc. TDA2075A Datasheet HTML 4Page - Tripath Technology Inc. TDA2075A Datasheet HTML 5Page - Tripath Technology Inc. TDA2075A Datasheet HTML 6Page - Tripath Technology Inc. TDA2075A Datasheet HTML 7Page - Tripath Technology Inc. TDA2075A Datasheet HTML 8Page - Tripath Technology Inc. TDA2075A Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
T r ip a t h T e ch n o lo gy, In c . - T ech n i c a l In fo r m a t i o n
5
TDA20 75A – R e v . 0 . 9 / KL i / 10 .0 5
TDA2075A Pinout
NC
NC
NC
HO2
AGN D
VPPSEN SE
NC
VN N SEN SE
OVR LD B
19
42
41
39
38
40
37
48-pin LQFP
(Top View)
20
21
22
PGN D
L02
AGN D
24
23
NC
IN V1
OAOU T1
V5
V5
48
47
45
44
46
43
MU TE
PGN D
HO1
LO1
NC
13
14
15
16
NC
NC
18
17
1
11
10
12
9
8
7
6
5
4
3
2
30 29
27 26
28
25
36 35
33 32
34
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com