Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA2075A Datasheet(PDF) 10 Page - Tripath Technology Inc.

Part # TDA2075A
Description  STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TDA2075A Datasheet(HTML) 10 Page - Tripath Technology Inc.

Back Button TDA2075A Datasheet HTML 6Page - Tripath Technology Inc. TDA2075A Datasheet HTML 7Page - Tripath Technology Inc. TDA2075A Datasheet HTML 8Page - Tripath Technology Inc. TDA2075A Datasheet HTML 9Page - Tripath Technology Inc. TDA2075A Datasheet HTML 10Page - Tripath Technology Inc. TDA2075A Datasheet HTML 11Page - Tripath Technology Inc. TDA2075A Datasheet HTML 12Page - Tripath Technology Inc. TDA2075A Datasheet HTML 13Page - Tripath Technology Inc. TDA2075A Datasheet HTML 14Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
T r ip a t h T e ch n o lo gy, In c . - T ech n i c a l In fo r m a t i o n
10
TDA2075 A – Rev . 0 . 9 / K L i / 1 0 . 0 5
Typical Performance Characteristics
THD+N versus Output Power
0.001
10
0.01
0.1
1
%
1
200
2
5
10
20
50
100
W
RL = 4
VPP = |VNN| = 30V, 35V and 40V
f = 1kHz
BW = 22Hz - 20kHz(AES17)
300
THD+N versus Frequency
0.001
10
0.01
0.1
%
10
20k
50
100
200
500
1k
2k
5k
10k
Hz
RL = 4Ω
Pout = 25W / Channel
VPP = |VNN| = 40V
BW = 22Hz-22kHz
20
THD+N versus Output Power
0.001
10
0.01
0.1
1
%
1
200
2
5
10
20
50
100
W
RL = 6
VPP = |VNN| = 30V, 35V and 40V
f = 1kHz
BW = 22Hz - 20kHz(AES17)
300
THD+N versus Frequency
0.001
10
0.01
0.1
%
10
20k
50
100
200
500
1k
2k
5k
10k
Hz
R
L = 6Ω
Pout = 25W / Channel
VPP = |VNN| = 40V
BW = 22Hz-22kHz
20
THD+N versus Output Power
0.001
10
0.01
0.1
1
%
1
200
2
5
10
20
50
100
W
RL = 8
VPP = |VNN| = 30V, 35V and 40V
f = 1kHz
BW = 22Hz - 20kHz(AES17)
300
THD+N versus Frequency
0.001
10
0.01
0.1
%
10
20k
50
100
200
500
1k
2k
5k
10k
Hz
RL = 8Ω
Pout = 25W / Channel
VPP = |VNN| = 40V
BW = 22Hz-22kHz
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com