Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPS33K Datasheet(PDF) 10 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 6Page - STMicroelectronics LPS33K Datasheet HTML 7Page - STMicroelectronics LPS33K Datasheet HTML 8Page - STMicroelectronics LPS33K Datasheet HTML 9Page - STMicroelectronics LPS33K Datasheet HTML 10Page - STMicroelectronics LPS33K Datasheet HTML 11Page - STMicroelectronics LPS33K Datasheet HTML 12Page - STMicroelectronics LPS33K Datasheet HTML 13Page - STMicroelectronics LPS33K Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
4
Application hints
Figure 6. LPS33K electrical connections (bottom view)
4
3
2
1
SDA
SCL
GND
C1
VDD
GND
The device power supply must be provided through the VDD line; a power supply decoupling capacitor C1 (100
nF) must be placed as near as possible to the supply pads of the device. Depending on the application, an
additional capacitor of 4.7 µF could be placed on the VDD line.
The functionality of the device and the measured data outputs are selectable and accessible through the I²C
interface.
All the voltage and ground supplies must be present at the same time to have proper behavior of the IC (refer to
Figure 6).
Figure 7. LPS33K power-off sequence
VDD
Time
VDD Rising / Falling time : 10 µs ~ 100 ms
VDD must be lower than 0.2 V for at least 10 ms during power-off sequence for correct POR
0.2V
Min.10ms
LPS33K
Application hints
DS12817 - Rev 3
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com