Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPS33K Datasheet(PDF) 12 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 8Page - STMicroelectronics LPS33K Datasheet HTML 9Page - STMicroelectronics LPS33K Datasheet HTML 10Page - STMicroelectronics LPS33K Datasheet HTML 11Page - STMicroelectronics LPS33K Datasheet HTML 12Page - STMicroelectronics LPS33K Datasheet HTML 13Page - STMicroelectronics LPS33K Datasheet HTML 14Page - STMicroelectronics LPS33K Datasheet HTML 15Page - STMicroelectronics LPS33K Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
5
Digital interfaces
5.1
IC serial interface
The registers embedded in the LPS33K may be accessed through the I²C interface.
Table 8. Serial interface pin description
Pin name
Pin description
SCL
I²C serial clock (SCL)
SDA
I²C serial data (SDA)
5.2
I²C serial interface
The LPS33K I²C is a bus slave. The I²C is employed to write data into registers whose content can also be read
back.
The relevant I²C terminology is given in the following table.
Table 9. I²C terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a transfer
Slave
The device addressed by the master
There are two signals associated with the I²C bus: the serial clock line (SCL) and the serial data line (SDA). The
latter is a bidirectional line used for sending and receiving the data to/from the interface. Both lines have to be
connected to VDD through pull-up resistors.
The I²C interface is compliant with fast mode (400 kHz) I²C standards as well as with the normal mode.
LPS33K
Digital interfaces
DS12817 - Rev 3
page 12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com