Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M66238FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M66238FP
Description  STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66238FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M66238FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66238FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66238FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66238FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66238FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66238FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66238FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66238FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66238FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
MITSUBISHI
〈DIGITAL ASSP〉
M66238FP
STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
MITSUBISHI
〈DIGITAL ASSP〉
M66238FP
STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
DESCRIPTION
The M66238 is a LSI that incorporates a PLL synthesizer and
a sync clock generator in it. The PLL synthesizer covers the
range of 25MHz to 50MHz at the minimum steps of 3kHz.
The sync circuit outputs a clock and a one-shot pulse which
are synchronized with an external trigger signal. Setting a
dividing ratio allows acquisition of sync clock outputs within
the range of 0.78MHz to 25MHz.
FEATURES
• Sync clock output frequency range: 1/1, 1/2, 1/4, 1/8, 1/16,
1/32 of 25 to 50MHz
• Sync accuracy (jitter):
±3ns
• Trigger input: Polarity selectable
• One-shot pulse output: Polarity and width selectable
• 5V power supply
APPLICATION
Pixel clock generator
BLOCK DIAGRAM
PIN CONFIGURATION (TOP VIEW)
3
4
5
7
6
2
17
21
20
24
26
14
13
12
11
10
29
CS
SIN
SCLK
XOUT
RESET
TR
XIN
TCKI
TCKO
CKO/PLLO
CKOB
PULSE
SERIAL
WRITE
CONTROL
CIRCUIT
COMMAND
REGISTER
COMMAND CONTROL
CIRCUIT
CRYSTAL
OSCILLATOR
CIRCUIT
12-BIT
DIVIDER
15-BIT COUNTER
PHASE
COMPARATOR
CHARGE
PUMP
SYNC/DIVIDER
CIRCUIT
(SYNC CLOCK
GENERATOR )
15
12
fin
fvco
VCO
25MHz ~ 50MHz
UP
DOWN CPOUT
CPIN
RV
RESET INPUT
CHIP SELECT INPUT
SERIAL DATA INPUT
SERIAL CLOCK INPUT
CLOCK OUTPUT
CLOCK INPUT
TEST PIN
PLL OUTPUT
CLOCK OUTPUT
ONE-SHOT PULSE OUTPUT
VCO LOAD OUTPUT
FILTER CONNECT PIN
FILTER CONNECT PIN
TEST PIN
TRIGGER INPUT
DGND
1
2
RESET →
CS →
SIN →
SCLK →
XOUT ←
XIN →
DGND
DVCC
TCKI →
TCKO ←
CKO/PLLO ←
CKOB ←
PULSE ←
VCCO
GNDO
AGND
AVCC
AGND
→ RV
AVCC
AGND
← CPIN
AGND
→ CPOUT
DGND
DVCC
→ UP
→ DOWN
DVCC
DGND
← TR
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
DIGITAL GND PIN
RESET INPUT
CHIP SELECT INPUT
SERIAL DATA INPUT
SERIAL CLOCK INPUT
CLOCK OUTPUT
CLOCK INPUT
DIGITAL GND PIN
DIGITAL POWER
SUPPLY PIN
TEST PIN
PLL OUTPUT
CLOCK OUTPUT
ONE-SHOT PULSE OUTPUT
SYNC OUTPUT POWER
SUPPLY PIN
SYNC OUTPUT GND PIN
ANALOG GND PIN
ANALOG POWER
SUPPLY PIN
ANALOG GND PIN
VCO LOAD OUTPUT
ANALOG POWER
SUPPLY PIN
ANALOG GND PIN
FILTER CONNECT PIN
ANALOG GND PIN
FILTER CONNECT PIN
DIGITAL GND PIN
DIGITAL POWER
SUPPLY PIN
TEST PIN
DIGITAL POWER
SUPPLY PIN
DIGITAL GND PIN
TRIGGER INPUT
Outline 32P2W-A


Similar Part No. - M66238FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
Standard Clock Generator with PLL Frequency Synthesizer
More results

Similar Description - M66238FP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Alliance Semiconductor ...
ASM3P2508SP ALSC-ASM3P2508SP Datasheet
303Kb / 7P
Clock Synthesizer and Frequency Generator with Peak EMI reduction
logo
Renesas Technology Corp
M66239FP RENESAS-M66239FP Datasheet
301Kb / 24P
High Speed Standard Clock Generator With Frequency Synthesizer
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
Standard Clock Generator with PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
HIGH FREQUENCY PLL CLOCK GENERATOR
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
HIGH FREQUENCY PLL CLOCK GENERATOR
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
PLL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com