Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS6M100SF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS6M100SF
Description  100 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6M100SF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS6M100SF Datasheet HTML 1Page - STMicroelectronics STPS6M100SF Datasheet HTML 2Page - STMicroelectronics STPS6M100SF Datasheet HTML 3Page - STMicroelectronics STPS6M100SF Datasheet HTML 4Page - STMicroelectronics STPS6M100SF Datasheet HTML 5Page - STMicroelectronics STPS6M100SF Datasheet HTML 6Page - STMicroelectronics STPS6M100SF Datasheet HTML 7Page - STMicroelectronics STPS6M100SF Datasheet HTML 8Page - STMicroelectronics STPS6M100SF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
Low profile design – package height of 1.1 mm typ.
Wettable flanks for automatic visual inspection
Low forward voltage drop
Avalanche capability
ECOPACK®2 compliant
Applications
Switching diode
Notebook adapter
LED lighting
DC/DC converter
Description
This high voltage Schottky barrier rectifier has been optimized for use in high
frequency miniature DC/DC converters, reverse battery protection, battery chargers
and adaptors.
Packaged in PSMC (TO-277A), the STPS6M100SF provides a high level of
performance in a compact and flat package which can withstand very high operating
junction temperature.
Product status link
STPS6M100SF
Product summary
Symbol
Value
IF(AV)
6 A
VRRM
100 V
Tj (max.)
175 °C
VF (typ.)
0.57 V
100 V power Schottky rectifier
STPS6M100SF
Datasheet
DS12699 - Rev 1 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS6M100SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS6M100DEE STMICROELECTRONICS-STPS6M100DEE Datasheet
91Kb / 8P
High voltage power Schottky rectifier
09-Sep-2012
More results

Similar Description - STPS6M100SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100C STMICROELECTRONICS-STPS20H100C_11 Datasheet
138Kb / 11P
100 V power Schottky rectifier
22-Sep-2011
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS5H100SFY STMICROELECTRONICS-STPS5H100SFY Datasheet
473Kb / 11P
Automotive 100 V low Ir power Schottky rectifier
November 2018 Rev 2
STPS5H100SF STMICROELECTRONICS-STPS5H100SF Datasheet
323Kb / 9P
100 V power Schottky rectifier
July 2018 Rev 1
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com